Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-2 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
32
ø30 ø30 Series Illuminated Pushbuttons
Incandescent
Round Extended Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
Round Extended
ALN
ALNE
AOLN
AOLNE
BA9S
Momentary
Without Lamp
1NO-1NC
ALN9911➁
See page 75 for
lamps.
2NO
ALN9920➁
2NC
ALN9902➁
Incandescent
1NO-1NC
ALN➂11➁
LS-*
2NO
ALN➂20➁
2NC
ALN➂02➁
Maintained
Without Lamp
1NO-1NC
AOLN9911➁
See page 75 for
lamps.
2NO
AOLN9920➁
2NC
AOLN9902➁
Incandescent
1NO-1NC
AOLN➂11➁
LS-*
2NO
AOLN➂20➁
2NC
AOLN➂02➁
E12
Momentary
Without Lamp
1NO-1NC
ALNE9911➁
See page 75 for
lamps.
2NO
ALNE9920➁
2NC
ALNE9902➁
Incandescent
1NO-1NC
ALN➂11➁
LE-*
2NO
ALN➂20➁
2NC
ALN➂02➁
Maintained
Without Lamp
1NO-1NC
AOLNE9911➁
See page 75 for
lamps.
2NO
AOLNE9920➁
2NC
AOLNE9902➁
Incandescent
1NO-1NC
AOLN➂11➁
LE-*
2NO
AOLN➂20➁
2NC
AOLN➂02➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens Color Code
➂ Operating Voltage Code
Input
Incandescent (BA9S)
Incandescent (E12)
Specify a lens color code in place of ➁.
C: clear
G: green
O: orange
R: red
S: blue
W: white
66: 6V AC/DC
88: 12V AC/DC
33: 24V AC/DC
E66: 6V AC/DC
E88: 12V AC/DC
E33: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
486: 480V AC
18: 100/110V AC
128: 120V AC
238: 200/220V AC
248: 240V AC
388: 380V AC
48: 400/440V AC
488: 480V AC
Transformer
Dimensions
M3 Terminal
Screw
M3.5 Terminal
Screw
92.5 (4 blocks)
69.5 (2 blocks)
18.5
Panel Thickness
0.8 to 7.5
6
23
M3.5 Terminal
Screws
103.5 (2 blocks)
126.5 (4 blocks)
23
Panel Thickness
0.8 to 7.5
18.5
114.5 (4 blocks)
91.5 (2 blocks)
18.5
Panel Thickness
0.8 to 7.5
6
23
M3 Terminal
Screw
M3.5 Terminal
Screw
M3.5 Terminal Screws
125.5 (2 blocks)
148.5 (4 blocks)
23
Panel Thickness 0.8 to 7.5
40
18.5
85.5 (4 blocks)
62.5 (2 blocks)
18.5
6
23
Panel Thickness
0.8 to 7.5
M3 Terminal
Screw
M3.5 Terminal
Screw
107.5 (4 blocks)
84.5 (2 blocks)
18.5
Panel Thickness
0.8 to 7.5
6
23
M3 Terminal
Screw
M3.5 Terminal
Screw
M3.5 Terminal
Screws
118.5 (2 blocks)
141.5 (4 blocks)
23
Panel Thickness 0.8 to 7.5
40
18.5
M3.5 Terminal
Screws
96.5 (2 blocks)
119.5 (4 blocks)
23
Panel Thickness
0.8 to 7.5
18.5
ALN Momentary
BA9S/Full Voltage
ALN Momentary
BA9S/Transformer
AOLN Maintained
BA9S/Full Voltage
AOLN Maintained
BA9S/Transformer
ALNE Momentary
E12/Full Voltage
ALNE Momentary
E12/Transformer
AOLNE Maintained
E12/Full Voltage
AOLNE Maintained
E12/Transformer
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com