Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-R Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AVLN3L-R
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-R Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-R Datasheet HTML 14Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 15Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 16Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 17Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 18Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 19Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 20Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 21Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
33
ø30 Series Illuminated Pushbuttons ø30
LED
Round Extended with Half Shroud Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
Round Extended
ALGN2
AOLGN2
ALGNE2
AOLGNE2
BA9S
Momentary
Without Lamp
1NO-1NC
ALGN29911DN➁
See page 75 for
lamps.
2NO
ALGN29920DN➁
2NC
ALGN29902DN➁
LED
1NO-1NC
ALGN2➂11DN➁
LSTD-*➁
2NO
ALGN2➂20DN➁
2NC
ALGN2➂02DN➁
Maintained
Without Lamp
1NO-1NC
AOLGN29911DN➁
See page 75 for
lamps.
2NO
AOLGN29920DN➁
2NC
AOLGN29902DN➁
LED
1NO-1NC
AOLGN2➂11DN➁
LSTD-*➁
2NO
AOLGN2➂20DN➁
2NC
AOLGN2➂02DN➁
E12
Momentary
Without Lamp
1NO-1NC
ALGNE29911DN➁
See page 75 for
lamps.
2NO
ALGNE29920DN➁
2NC
ALGNE29902DN➁
LED
1NO-1NC
ALGNE2➂11DN➁
LETD-*➁
2NO
ALGNE2➂20DN➁
2NC
ALGNE2➂02DN➁
Maintained
Without Lamp
1NO-1NC
AOLGNE29911DN➁
See page 75 for
lamps.
2NO
AOLGNE29920DN➁
2NC
AOLGNE29902DN➁
LED
1NO-1NC
AOLGNE2➂11DN➁
LETD-*➁
2NO
AOLGNE2➂20DN➁
2NC
AOLGNE2➂02DN➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens/LED Color Code
➂ Operating Voltage Code
Input
Specify a lens/LED color code in place of ➁.
A:
amber
G:
green
PW: pure white (LSTD only)
R:
red
S:
blue
W:
white
Y:
yellow
Use a pure white LED lamp for yellow illumina-
tion
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
Transformer
Dimensions
82.5 (4 blocks)
59.5 (2 blocks) 27.5
Panel Thickness 0.8 to 3.5
5.5
23
M3 Terminal Screw
M3.5 Terminal Screw
40
M3.5 Terminal
Screws
94 (2 blocks)
117 (4 blocks)
23
Panel Thickness 0.8 to 3.5
27.5
40
M3 Terminal Screw
M3.5 Terminal Screw
97 (4 blocks)
74 (2 blocks)
23.5
Panel Thickness 0.8 to 3.5
5.5
23
40
M3.5 Terminal
Screws
108.5 (2 blocks)
131.5 (4 blocks)
23
Panel Thickness 0.8 to 3.5
40
23.5
ALGN2/AOLGN2
BA9S/Full Voltage
ALGNE2/AOLGNE2
E12/Full Voltage
ALGNE2/AOLGNE2
E12/Transformer
ALGN2/AOLGN2
BA9S/Transformer
All dimensions in mm.
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com