Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-R Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AVLN3L-R
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-R Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-R Datasheet HTML 38Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 39Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 42Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 44Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 45Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
69
ø30 Series Accessories and Replacement Parts ø30
Nameplates
Model
Legend
Material
Part No.
Ordering No.
Package
Quantity
Dimensions (mm)
Applicable Unit
CQN
Blank
Aluminium
0.5 mm thick
White letters
on black
background
CQN-0
CQN-0
1
• With adhesive tapes on
the back
ACSNO, ACSNK
Cam Switches
ø30 mm Selector
Switches
CQN-0PN10
10
With Legend
(Legend
Codes 31, 35,
and 53 only)
CQN-∗
CQN-∗
1
CQN-∗PN10
10
CQS
Blank
Aluminium
0.5 mm thick
White letters
on black
background
CQS-0
CQS-0
1
• With adhesive tapes on
the back
ACSSO, ACSSK
Cam Switches
ø25 mm Selector
Switches
CQS-0PN10
10
With Legend
(Legend Code
53 only)
CQS-∗
CQS-∗
1
CQS-∗PN10
10
•Specifyalegendcodeinplaceof∗intheOrderingNo.
ø30.5
64
64
Legends
Code
Legend
0
(blank)
1
ON
2
OFF
3
START
4
STOP
31
OFF-ON
35
HAND-AUTO
53
HAND-OFF-AUTO
36
2
2
36
2
2
Shape and Engraving Area
Standard
Large
Type NA
Type NALO
Example
Shape
Engraving Area
Max. No.
of Lines
No. of
Letters
on 1 Line
Height
Width
Standard
5
36
1
14
Large
10
36
2
14
The above example is when the letter is 4 mm tall.
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com