Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-R Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AVLN3L-R
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-R Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-R Datasheet HTML 40Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 41Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 42Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 43Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 44Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 45Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 46Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 47Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
71
ø30 Series Accessories and Replacement Parts ø30
Accessories
Shape
Material
Part No.
Ordering
No.
Package
Quantity
Dimensions (mm)
Button Cover for
Extended Pushbuttons
Rubber (nitryl)
Color
Part No.
–
–
M30P1.5
ø38
ø28
•Metallicbezelscovered
witharubberbootto
enhancewaterproof
characteristics.
•Buttonisnotincluded.
Applicabletoextended
pushbuttonsonly.
Black
OC-11B
OC-11B
1
Green
OC-11R
OC-11R
Red
OC-11G
OC-11G
Yellow
OC-11Y
OC-11Y
Button
Clear Boot
For flush
pushbuttons
Rubber
(EPDM)
OC-121
OC-121
1
•Usedtocoverand
protectpushbuttons
whereunitsaresubject
towatersplash.Not
suitableforoutdooruse
orwheretheunitsare
subjecttooilsplash.
A
A
B
OC-121
37
16
OC-122
37
16
For extended
pushbuttons
OC-122
OC-122
1
Dust-proof Rubber Cover
for Jumbo Mushrooms
Rubber
(nitryl)
black
OC-4GN
OC-4GN
1
32
Panel Thickness
1.2 to 5.5
•UsedforABN4G
pushbuttons.
Padlock Cover
Polyarylate
(gasket: nitryl
rubber)
OL-KL1
OL-KL1
1
•Used to protect pushbuttons, illuminated push-
buttons, and selector switches (knob operator).
Metal Protector
Metal
(zinc-plated)
OL-C
OL-C
1
•Used to protect flush pushbuttons from
inadvertent operation.
•Can be easily attached using the locking ring.
ø30.5
16
11.5
1.6
42.5
Locking Attachmentt
Metal
(zinc-plated)
OL-H
OL-H
1
•Used to lock an extended pushbutton in the
depressed position.
•Can be easily attached using the locking ring.
ø6 hole
Locking Plate
Mounting Plate
Waterproof Rubber
Gasket 0.5t
24
Key Hole ø8
ø50
ø30.2
29.5
30
Panel Thickness
0.8 to 3.2
82.5
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com