Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AVLN3L-R
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-R Datasheet HTML 2Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 3Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 4Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 5Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 6Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 7Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 8Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 9Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
21
ø30 Series Switches & Pilot Lights (Ordering Information) ø30
ø30 Series Selector Switch
ø30 Series Key Selector Switch
ø30 Series Illuminated Selector Switch
ASN 2 L 11 - MAU
Optional contact
MAU: Gold-plated silver contact
Contact arrangement code
Operator
(blank): Knob
L:
Lever
Operator position code
ASN 2 K 11 D - MAU
Optional contact
MAU: Gold-plated silver contact
Key removable position code
2-position
•Maintained
(blank): Removable in all positions
B:
Removable in left only
C:
Removable in right only
•Spring return from right
(blank): Removable in left only
•Spring return from left
(blank): Removable in right only
3-position
•Maintained
(blank): Removable in all positions
B:
Removable in left and center
C:
Removable in right and center
D:
Removable in center only
E:
Removable in right and left
G:
Removable in left only
H:
Removable in right only
•Spring return from right
(blank): Removable in left and center
D:
Removable in center only
G:
Removable in left only
•Spring return from left
(blank): Removable in right and center
D:
Removable in center only
H:
Removable in right only
•Spring return two-way
(blank): Removable in center only
Contact arrangement code
Operator position code
Note:
•The key cannot be removed in the return position.
ASLN 2 16 22 D N R - MAU
Optional contact
MAU: Gold-plated silver contact
Lens color code
Contact arrangement code
Operating voltage code
Number of positions
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com