Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-R Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AVLN3L-R
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-R Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-R Datasheet HTML 18Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 19Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 20Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 21Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 22Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 23Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 24Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
37
ø30 Series Illuminated Pushbuttons ø30
LED
Mushroom (ø40) Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
ø40 Mushroom
ALN3
AOLN3
ALNE3
AOLNE3
BA9S
Momentary
Without Lamp
1NO-1NC
ALN39911DN➁
See page 75 for
lamps.
2NO
ALN39920DN➁
2NC
ALN39902DN➁
LED
1NO-1NC
ALN3➂11DN➁
LSTD-*➁
2NO
ALN3➂20DN➁
2NC
ALN3➂02DN➁
Maintained
Without Lamp
1NO-1NC
AOLN39911DN➁
See page 75 for
lamps.
2NO
AOLN39920DN➁
2NC
AOLN39902DN➁
LED
1NO-1NC
AOLN3➂11DN➁
LSTD-*➁
2NO
AOLN3➂20DN➁
2NC
AOLN3➂02DN➁
E12
Momentary
Without Lamp
1NO-1NC
ALNE39911DN➁
See page 75 for
lamps.
2NO
ALNE39920DN➁
2NC
ALNE39902DN➁
LED
1NO-1NC
ALNE3➂11DN➁
LETD-*➁
2NO
ALNE3➂20DN➁
2NC
ALNE3➂02DN➁
Maintained
Without Lamp
1NO-1NC
AOLNE39911DN➁
See page 75 for
lamps.
2NO
AOLNE39920DN➁
2NC
AOLNE39902DN➁
LED
1NO-1NC
AOLNE3➂11DN➁
LETD-*➁
2NO
AOLNE3➂20DN➁
2NC
AOLNE3➂02DN➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens/LED Color Code
➂ Operating Voltage Code
Input
Specify a lens/LED color code in place of ➁.
A:
amber
G:
green
R:
red
S:
blue
W:
white
Y:
yellow
Use a pure white LED lamp for yellow illumina-
tion (LSTD only)
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
Transformer
Dimensions
86 (4 blocks)
63 (2 blocks)
23.5
Panel Thickness 0.8 to 7.5
5.5
23
M3 Terminal Screw
M3.5 Terminal Screw
40
M3.5 Terminal
Screws
97.5 (2 blocks)
120.5 (4 blocks)
23
Panel Thickness 0.8 to 7.5
23.5
40
100.5 (4 blocks)
77.5 (2 blocks)
20
Panel Thickness 0.8 to 7.5
5.5
23
M3 Terminal Screw
M3.5 Terminal Screw
40
M3.5 Terminal
Screws
112 (2 blocks)
135 (4 blocks)
23
Panel Thickness 0.8 to 7.5
40
20
ALN3/AOLN3
BA9S/Full Voltage
ALN3/AOLN3
BA9S/Transformer
ALNE3/AOLNE3
E12/Full Voltage
ALNE3/AOLNE3
E12/Transformer
All dimensions in mm.
ø30
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com