Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AVLN3L-R
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AVLN3L-R Datasheet HTML 1Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 2Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 3Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 4Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 5Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 6Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 7Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 8Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
19
ø30 Series Switches & Pilot Lights ø30
Specifications
Operating Temperature
–25 to +50°C (no freezing)
Storage Temperature
–40 to +80°C (no freezing)
Operating Humidity
45 to 85% RH (no condensation)
Contact Resistance
50 mΩ maximum (initial value)
Insulation Resistance
100 MΩ minimum (500V DC megger)
Dielectric Strength
Between live and dead metal parts:
2,500V AC, 1 minute
(Full voltage and pilot lights:
2,000V AC, 1 minute)
Vibration Resistance
Operating extremes: 5 to 55 Hz, amplitude 0.5 mm
Shock Resistance
Damage limits:
1,000 m/s2
Operating extremes:
100 m/s2
Mechanical Life
(minimum operations)
Pushbuttons
Momentary:
5,000,000
Maintained:
500,000
Illuminated pushbuttons
Momentary:
2,500,000
Maintained:
500,000
Selector switches:
500,000
Key selector switches:
500,000
Illuminated selector switches:
500,000
Selector pushbuttons:
250,000
Mono-lever switches:
500,000
(Interlocking):
250,000
Pushlock turn reset
500,000
Mushroom push-pull switch
Two contact blocks:
500,000
Four contact blocks:
200,000
Electrical Life
(minimum operations)
Pushbuttons:
500,000
*1
Illuminated pushbuttons:
500,000
*1
Selector switches:
500,000
*2
Key selector switches:
500,000
*2
Illuminated selector switches:
500,000
*2
Selector pushbuttons:
250,000
*2
Mono-lever switches:
500,000
*3
(Interlocking):
250,000
*3
*1  Switching frequency 1,800 operations/h, duty ratio 40% *4
*2  Switching frequency 1,200 operations/h, duty ratio 40%
*3  Switching frequency 900 operations/h, duty ratio 40%
*4  Switching frequency 900 operations/h for square twin or twin main-
tained
Degree of Protection
Part No.
Unit
NEMA ICS 6-110
IEC 60529
A****
Pushbuttons, pilot lights, illuminated pushbuttons, selector switches, selector
pushbuttons, mono-lever switches, and cam switches (ACSNO/ACSSO)
Type 1, 2, 3, 3R, (3S), 4, 5, 12,13
IP65
Illuminated selector switches, key pushbuttons, key reset pushbuttons, key cam
switches, and key selector switches
Type 1, 2, 3, 3R, 5, 12, 13
IP54
U****
Square pushbuttons, square pilot lights, and cam switches (UC)
Type 1, 2
IP40
Note: (3S) of NEMA ICS 6-110 applies to the pilot lights with round lens.
Mounting Hole Layout
Note: For mounting hole layout of pushbuttons, mono-lever switches, and cam switches, see each section.
*The minimum mounting centers are applicable to switches with
one layer of contact blocks (two contact blocks). When two layers
of contact blocks (four contact blocks) are mounted, determine
the minimum mounting centers in consideration of convenience
for wiring.
•Mushroom with shroud:
50 mm minimum
•Jumbo mushroom:
67 mm minimum
•Jumbo mushroom with shroud: 76 mm minimum
•Square twin:
55 mm minimum
•Selector switch with lever:
50 mm minimum
✩
The 4.8 mm recess is for preventing rotation and is not neces-
sary when the nameplate or anti-rotation ring is not used.
R0.8 max.
0
+0.5
0
+0.2
50
∗
ø30.5
4.8
R0.8 max.
0
+0.5
0
+0.2
ø30.5
4.8
(Twin Maintained)
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com