Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-R Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AVLN3L-R
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-R Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-R Datasheet HTML 19Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 20Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 21Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 22Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 23Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 24Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 26Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
38
ø30 ø30 Series Illuminated Pushbuttons
Incandescent
Square and Rectangular Extended Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
Square Extended
ULQN
UOLQN
BA9S
Momentary
Without Lamp
1NO-1NC
ULQN9911➁
See page 75 for
lamps.
2NO
ULQN9920➁
2NC
ULQN9902➁
Incandescent
1NO-1NC
ULQN➂11➁
LS-*
2NO
ULQN➂20➁
2NC
ULQN➂02➁
Maintained
Without Lamp
1NO-1NC
UOLQN9911➁
See page 75 for
lamps.
2NO
UOLQN9920➁
2NC
UOLQN9902➁
Incandescent
1NO-1NC
UOLQN➂11➁
LS-*
2NO
UOLQN➂20➁
2NC
UOLQN➂02➁
Rectangular (Marking)
ULQNB
UOLQNB
BA9S
Momentary
Without Lamp
1NO-1NC
ULQN9B911➁
See page 75 for
lamps.
2NO
ULQN9B920➁
2NC
ULQN9B902➁
Incandescent
1NO-1NC
ULQN➂11➁
LS-*
2NO
ULQN➂20➁
2NC
ULQN➂02➁
Maintained
Without Lamp
1NO-1NC
UOLQN9B911➁
See page 75 for
lamps.
2NO
UOLQN9B920➁
2NC
UOLQN9B902➁
Incandescent
1NO-1NC
UOLQN➂11➁
LS-*
2NO
UOLQN➂20➁
2NC
UOLQN➂02➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens Color Code
➂ Operating Voltage Code
Input
Square Extended
Rectangular Marking
Specify a lens color code in place of ➁.
C: clear (square units only)
G: green
O: orange
R: red
S: blue
W: white
Clear lens is not available for rectangular units.
66: 6V AC/DC
88: 12V AC/DC
33: 24V AC/DC
6B6: 6V AC/DC
8B8: 12V AC/DC
3B3: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
486: 480V AC
1B6: 100/110V AC
12B6: 120V AC
2B6: 200/220V AC
24B6: 240V AC
38B6: 380V AC
4B6: 400/440V AC
48B6: 480V AC
Transformer
Dimensions
M3.5 Terminal
Screws
120 (2 blocks)
143 (4 blocks)
23
Panel Thickness 0.8 to 3.2
25
44
109 (4 blocks)
86 (2 blocks)
25
Panel Thickness
0.8 to 3.2
6
23
M3 Terminal
Screw
M3.5 Terminal
Screw
M3.5 Terminal
Screws
98 (2 blocks)
121 (4 blocks)
23
Panel Thickness
0.8 to 3.2
25
109 (4 blocks)
86 (2 blocks)
20
Panel Thickness
0.8 to 3.2
6
23
14
M3 Terminal
Screw
M3.5 Terminal
Screws
M3.5 Terminal
Screws
120 (2 blocks)
143 (4 blocks)
23
Panel Thickness
0.8 to 3.2
20
14
40
44
ULQN Momentary
BA9S/Full Voltage
UOLQN Maintained
BA9S/Full Voltage
UOLQN Maintained BA9S/
Transformer
87 (4 blocks)
64 (2 blocks)
25
Panel Thickness
0.8 to 3.2
6
23
M3 Terminal
Screw
M3.5 Terminal
Screws
87 (4 blocks)
64 (2 blocks)
20
Panel Thickness
0.8 to 3.2
6
23
14
M3 Terminal
Screw
M3.5 Terminal
Screw
ULQN*B Momentary
BA9S/Full Voltage
M3.5 Terminal
Screws
98 (2 blocks)
121 (4 blocks)
23
Panel Thickness
0.8 to 3.2
20
14
ULQN*B Momentary
BA9S/Transformer
ULQN Momentary
BA9S/Transformer
UOLQN*B Maintained
BA9S/Transformer
UOLQN*B Maintained
BA9S/Full Voltage
All dimensions in mm.
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com