Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-R Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AVLN3L-R
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-R Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-R Datasheet HTML 21Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 22Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 23Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 24Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 25Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 26Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 27Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 28Page - List of Unclassifed Manufacturers AVLN3L-R Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
40
ø30 ø30 Series Illuminated Pushbuttons
LED
Pushlock Turn Reset/Push Turn Lock Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
ø40 Mushroom
Pushlock Turn Reset
AVLN3
AVLNE3
BA9S
Pushlock Turn
Reset
Without Lamp
1NO-1NC
AVLN39911DNR
See page 75 for
lamps.
2NO
AVLN39920DNR
2NC
AVLN39902DNR
LED
1NO-1NC
AVLN3➂11DNR
LSTD-*➁
2NO
AVLN3➂20DNR
2NC
AVLN3➂02DNR
E12
Pushlock Turn
Reset
Without Lamp
1NO-1NC
AVLNE39911DNR
See page 75 for
lamps.
2NO
AVLNE39920DNR
2NC
AVLNE39902DNR
LED
1NO-1NC
AVLNE3➂11DNR
LETD-*➁
2NO
AVLNE3➂20DNR
2NC
AVLNE3➂02DNR
ø40 Mushroom
Push Turn Lock
AJLN3
BA9S
Push Turn Lock
Without Lamp
1NO-1NC
AJLN39911DN➁
See page 75 for
lamps.
2NO
AJLN39920DN➁
2NC
AJLN39902DN➁
LED
1NO-1NC
AJLN3➂11DN➁
LSTD-*➁
2NO
AJLN3➂20DN➁
2NC
AJLN3➂02DN➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens/LED Color Code
➂ Operating Voltage Code
Input
Specify a lens/LED color code in place of ➁.
A: amber
G: green
R: red
W: white
Y: yellow
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
Transformer
•
Pushlock Turn Reset: Lens is maintained when pressed and is reset when turned clockwise. Red lens only.
Note: AVNL3 and AVNLE3 pushlock turn reset switches cannot be used as emergency stop switches. When emergency stop switches are
required, use XN or HN series emergency stop switches (ISO 13850 and IEC 60947-5-5 compliant).
•
Push Turn Lock: Lens is maintained when turned clockwise in the depressed position and is reset when turned counterclockwise.
Dimensions
86 (4 blocks)
63 (2 blocks) 23.5
5.5
23
Panel Thickness
0.8 to 7.5
M3 Terminal
Screw
M3.5 Terminal
Screw
100.5 (4 blocks)
77.5 (2 blocks)
20
5.5
23
M3 Terminal
Screw
M3.5 Terminal
Screw
Panel Thickness
0.8 to 7.5
M3.5 Terminal
Screws
112 (2 blocks)
135 (4 blocks)
23
Panel Thickness 0.8 to 7.5
40
20
86 (4 blocks)
63 (2 blocks) 23.5
Panel Thickness
0.8 to 7.5
5.5
23
M3 Terminal
Screw
M3.5 Terminal
Screw
AVLN3
BA9S/Full Voltage
AVLN3
BA9S/Transformer
AVLNE3
E12/Full Voltage
AVLNE3 
E12/Transformer
AJLN3
BA9S/Full Voltage
H
M3.5Terminal
Screws
97.5(2blocks)
120.5(4blocks)
23
PanelThickness0.8to7.5
40
23.5
M3.5 Terminal
Screws
97.5 (2 blocks)
120.5 (4 blocks)
23
Panel Thickness
0.8 to 7.5
23.5
AJLN3
BA9S/Transformer
All dimensions in mm.
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com