Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-RPN02 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AVLN3L-RPN02
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-RPN02 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-RPN02 Datasheet HTML 5Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 9Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 10Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 11Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 12Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
24
ø30 ø30 Series Pushbuttons
Pushlock Turn Reset / Pushlock Key Reset / Push Turn Lock /
Key ON/OFF Lock / Toggle Lever Pushbuttons
Package Quantity: 1
Shape
Contact
Part No.
➀ Button Color
Code
Dimensions (mm)
Mushroom Pushlock Turn Reset
AVN3
1NO
AVN310N➀
R: red
Y: yellow
M3.5 Terminal Screw
40
53 (1 or
2 blocks)
76 (3 or 4 blocks)
Panel Thickness 0.8 to 7.5
24
5.5
23
1NC
AVN301N➀
1NO-1NC
AVN311N➀
2NO
AVN320N➀
2NC
AVN302N➀
2NO-2NC
AVN322N➀
Mushroom Pushlock Key Reset
ABN3K
1NO
ABN3K10➀
B: black
G: green
R: red
Y: yellow
M3.5 Terminal Screw
FREE
6
23
40
53 (1 or 2
blocks)
76 (3 or 4 blocks)
Panel Thickness 0.8 to 7.5
24
23.5
1NC
ABN3K01➀
1NO-1NC
ABN3K11➀
2NO
ABN3K20➀
2NC
ABN3K02➀
2NO-2NC
ABN3K22➀
Jumbo Mushtoon Pushlock Key
Reset ABN4K
1NO
ABN4K10➀
B: black
G: green
R: red
M3.5 Terminal Screw
FREE
6
23
53 (1 or 2
blocks)
76 (3 or 4 blocks)
Panel Thickness 0.8 to 7.5
23
23.5
1NC
ABN4K01➀
1NO-1NC
ABN4K11➀
2NO
ABN4K20➀
2NC
ABN4K02➀
2NO-2NC
ABN4K22➀
Pushlock Push Turn Lock
AJN3
1NO
AJN310N➀
B: black
G: green
R: red
Y: yellow
M3.5 Terminal Screw
H
L
40
53 (1 or 2
blocks)
76 (3 or 4 blocks)
Panel Thickness 0.8 to 7.5
24
5.5
23
1NC
AJN301N➀
1NO-1NC
AJN311N➀
2NO
AJN320N➀
2NC
AJN302N➀
2NO-2NC
AJN322N➀
Key ON/OFF Lock
ABN5
1NO
ABN510
–
M3.5 Terminal Screw
LOCK
6
23
Panel Thickness 0.8 to 7.5
23
23.5
54 (1 or 2
blocks)
77 (3 or 4 blocks)
40
90
1NC
ABN501
1NO-1NC
ABN511
2NO
ABN520
2NC
ABN502
2NO-2NC
ABN522
Toggle Lever
ATN4
1NO
ATN410
Lever: black
M3.5 Terminal Screw
40
Panel Thickness 0.8 to 5.5
6
23
44 (1 or
2 blocks)
25
67 (3 or 4 blocks)
1NC
ATN401
1NO-1NC
ATN411
2NO
ATN420
2NC
ATN402
2NO-2NC
ATN422
•Specify a button color code in place of ➀ in the Part No.
•Round bezel (metal): Chrome-plated
•Cylinder (metal): Chrome-plated
•Other contact arrangements and gold-plated silver contacts are also available. See page 20.
•
Pushlock Turn Reset: Button is maintained when pressed and is reset when turned clockwise. Red buttons only.
Note: ø30 pushlock turn reset switches cannot be used as emergency stop switches. When emergency stop switches are required, use
XN or HN series emergency stop switches (ISO 13850 and IEC 60947-5-5 compliant).
•
Pushlock Key Reset: Button is maintained when pressed and is reset with a key. Key is removable from both depressed and reset posi-
tions. Two keys are supplied.
Note: ø30 pushlock key reset switches cannot be used as emergency stop switches. When emergency stop switches are required, use
HW series emergency stop switches with a HW9Z-A30 ring adapter (ISO 13850 and IEC 60947-5-5 compliant).
•
Push Turn Lock: Button is locked when turned clockwise in the depressed position and is reset when turned counterclockwise.
•
Key ON/OFF Lock: Button can be locked in both depressed and reset positions.
•
Toggle Lever: ON and OFF are indicated on the cap.
(nameplate sold
separately)
(nameplate sold
separately)
(nameplate sold
separately)
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com