Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-RPN02 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AVLN3L-RPN02
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-RPN02 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-RPN02 Datasheet HTML 39Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 40Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 41Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 42Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 43Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 44Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 45Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 46Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
70
ø30 ø30 Series Accessories and Replacement Parts
Accessories
Shape
Material
Part No.
Ordering No.
Package
Quantity
Dimensions (mm)
Locking Ring Wrench
Rubber
OR-12
OR-12
1
•Used to tighten the locking ring when installing
the ø30 or ø25 switch onto a panel.
90
ø34
ø29
ø26
ø30 Series
ø25 Series
Lamp Holder Tool
Rubber
OR-55
OR-55
1
•Used to install and remove the LED/incandes-
cent lamps. See page 75.
Contact Rubber Boot
For momentary 1 layer of contact
blocks (2 contact blocks)
Rubber (nitryl)
(black)
OC-99
OC-99
1
•Rubber boot used to prevent oil and dirt from
entering into the contact block.
•Temperature range: –5 to +60°C
•Cannot be used for zinc diecast switches & pilot
lights.
18
42
44
Contact Rubber Boot For 1 layer
of contact
blocks
(2 contact
blocks)
Rubber
(translucent)
OC-90
OC-90
1
•Applicable to AVN3 and AJN3.
•Applicable to ø30 diecast zinc pushbuttons and
selector switches.
(65.4)
42.8
42.4
For 2 layers
of contact
blocks
(4 contact
blocks)
OC-290
OC-290
1
Anti-rotation Ring
Metal
OGL-11
OGL-11PN10
10
•Used to prevent the operator from turning.
Generally used when using no nameplates on
selector switches and selector pushbuttons.
ø30.5
ø39
2.80.8
Rubber Mounting Hole Plug
Rubber
(black)
OB-13B
OB-13BPN05
5
•Used to plug unused
ø30mm mounting holes.
•Gray also available.
Ordering No.:
OB-13PN05
ø30
ø34
ø40
•Used to plug unused
ø30mm mounting holes.
•Gray also available.
Ordering Type No.:
OB-13PN05
Plastic Mounting Hole Plug
Plastic
(gray)
OBP-11
OBP-11
1
•Tightening torque: 1.2 N· m.
•Degree of protection: IP65
Locking Ring
ø36
M30P1.5 Screw
Metallic Mounting Hole Plug
Metal
(diecast)
(zinc-plated)
OB-11
OB-11
1
•Tightening torque: 1.2 N· m.
•Degree of protection: IP65
ø36
Locking Ring
M30P1.5 Screw
59
OR-55
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com