Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-RPN02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AVLN3L-RPN02
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-RPN02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AVLN3L-RPN02 Datasheet HTML 1Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 2Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 3Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 4Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 5Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
16
ø30 Series Switches & Pilot Lights
Heavy duty switches & pilot lights offer both variety and reliability
Endures harsh environments
•Degree of protection: IP65
•UL, CSA approved, and EN compliant.
Applicable Standards
Mark
File No. or Organization
UL 508
UL Listing
File No. E68961
CSA C22.2 No.14
CSA File No. LR21451
EN60947-5-1
EU Low Voltage Directive
GB14048.5
CCC No. 200501030514658
Specifications and Ratings
Contact Ratings
Pushbuttons
Illuminated Pushbuttons
Selector Switches
Illuminated Selector Switches
Selector Pushbuttons
Contact Block
BS/BST (ø30 series)
Rated Insulation Voltage
600V
Rated Continuous Current
10A
Contact Ratings by Utilization Category
IEC 60947-5-1
AC-15 (A600)
DC-13 (P600)
Characteristics
Contact Ratings by Utilization Category
Operational Voltage
24V
48V
50V
110V
220V
440V
Operational
Current
AC
50/60 Hz
AC-12 Control of resistive loads and solid state loads
10A
—
10A
10A
6A
2A
AC-15 Control of electromagnetic loads (> 72 VA)
10A
—
7A
5A
3A
1A
DC
DC-12 Control of resistive loads and solid state loads
10A
5A
—
2.2A
1.1A
—
DC-13 Control of electromagnets
5A
2A
—
1.1A
0.6A
—
Note: The operational current represents the classification by making and breaking currents (IEC 60947-5-1).
Minimum applicable load: 3V AC/DC, 5 mA (applicable range may vary with operating conditions and load types)
For mono-levers and cam switches, see pages 55 and 58.
BS (BST) Contact Block
•Durable nylon 66 housing has a high resistance against alkalis.
•Silver contacts. Gold contact (gold-plated silver) also available.
•Up to four blocks in two layers can be mounted onto each operator.
Contact Blocks
Contact
Single-pole Contact Block
1NO
1NC
1NO (early make)
1NC (late break)
Part
No.
BS
BS010E
BS001E
BS010SE
BS001SE
BST
BST010
BST001
BST010S
BST001S
Push Rod
Green
Red
Black
White
BST contact blocks are used for the following switches and are not
interchangeable with BS contact blocks.
(The BS housing is dark gray and the BST housing is light gray.)
•Pushlock turn reset and push turn lock switches
•LED illuminated pushbuttons
•LED/incandescent illuminated selector switches
•All models of diecast zinc housing swiches & pilot lights
Push Rod
M3.5 Terminal Screw
Inspection
Window
Interlock­
ingGroove
Mounting
Screw
(14/03/18)


Similar Part No. - AVLN3L-RPN02

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
logo
AEROTECH US. ALL RIGHTS...
AVL1000 AEROTECH-AVL1000 Datasheet
195Kb / 3P
Mechanical-Bearing Direct-Drive Lift Stage
logo
YAGEO Corporation
AVL11L02200 YAGEO-AVL11L02200 Datasheet
909Kb / 12P
Multi-Layer Chip Varistors
AVL11L03300 YAGEO-AVL11L03300 Datasheet
909Kb / 12P
Multi-Layer Chip Varistors
AVL14K0200 YAGEO-AVL14K0200 Datasheet
909Kb / 12P
Multi-Layer Chip Varistors
More results

Similar Description - AVLN3L-RPN02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
HF361J ETC2-HF361J Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
LB8MP-1T04G ETC2-LB8MP-1T04G Datasheet
10Mb / 44P
Flush Mount Switches & Pilot Lights
HNF361J ETC2-HNF361J Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com