Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-RPN02 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # AVLN3L-RPN02
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-RPN02 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-RPN02 Datasheet HTML 43Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 44Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 45Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 46Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 47Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 48Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 49Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 50Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 51 / 51 page
background image
78
ø30 ø30 Series Instructions
Installation of LED Illuminated Units
1. Note the polarity for wiring when connecting to DC-DC
converter unit.
Terminal No.
Polarity
X1
Positive
X2
Negative
2. Transformer units are recommended for use in areas
subjected to noise.
3. Notes for Pure White LED Lamps
•Do not use the pure white LED outdoors, otherwise it will
lead to the degradation of brightness and color. Do not
remove or apply shock to the cap on the pure white LED
lamp, otherwise it may break or damage the cap.
•For the pure white LED, use a white lens. The illumination
color will be dull if a different color is used.
Notes on LED Illuminated Units
LED lamps consist of semiconductors. If the applied
voltage exceeds the rated voltage, LED elements may
deteriorate due to overheat, resulting in significant
decrease in luminance, hue change, or failure of lighting.
Also, if an extraneous noise, transient voltage, or transient
current is applied to the circuit, similar effects may occur.
When using LED lamps, observe the following instructions.
Rated Voltage
The LED lamps are rated at 6V, 12V, or 24V AC/DC, and
can be used within ±10% the rated voltage of either AC or
DC.
DC Power
1. Switching power supply
Regulated voltage from switching power supply is best
suited. Make sure to use within the rated voltage of the
LED lamp.
2. Rechargeable battery
Note that the battery voltage may exceed the rated volt-
age of the LED lamp while the battery is being charged
and immediately after the charging is complete. Be sure
to use the LED lamp on a voltage of ±10% the rated
voltage.
3. Full-wave rectification
Since the LED lamp is AC/DC compatible, a diode
bridge for rectification is not necessary. If the LED lamp
is used on a full-wave rectification current through a
diode bridge, the rectifier diodes will reduce the voltage,
resulting in lower luminance.
4. Single-phase half-wave rectification
This is not suitable for the power source of LED lamps.
Use constant-voltage DC power.
Noise
LED elements deteriorate due to extraneous noise, result-
ing in significant decrease in luminance, hue change, or
failure of lighting. When such effects are anticipated, take a
protection measure shown below, such as RC elements or
a surge absorber.
[Protection Example 1] For AC circuit
LED with
transformer LED
R
C
LED
Ry
Relay
coil or
solenoid
R
C
LED with
transformer
(Reference values) R: 120
C: 0.1 F
[Protection Example 2] For DC circuit
Ry
LED
Diode
Relay
coil or
solenoid
+
–
(Reference values of the diode)
Forward current: More than the Ry coil current
Reverse withstand voltage: Ry coil current ¥ 10
Countermeasures against Dim Lighting
1. Leakage currents through the transistors or a contact
protection circuit may cause the LED lamp to illuminate
dimly even when the output is off.
2. When the LED lamp is illuminated by a transistor output,
take the following measure.
[Circuit Example]
Connect shunt resistor R in parallel with the LED lamp.
R
Io
Io: Leakage current when the output is off
R: Shunt resistor
LED
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com