Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-RPN02 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AVLN3L-RPN02
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-RPN02 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-RPN02 Datasheet HTML 27Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 28Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 29Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 30Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 31Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 32Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 33Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 34Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
46
ø30 ø30 Series Selector Switches
ASNK Key Selector Switches
90° 2-position
Package Quantity: 1
Shape
Contact Arrangement Chart
•Cylinder: Chrome-plated
•Round bezel (metal): Chrome-plated
•On the spring-returned, the keys can be released only from
the maintained position. On the maintained, the key can be
released from every position. Key retained positions are also
available. See page 21.
•Key selector switch is supplied with two standard keys.
Two different keys are available upon request.
•Part numbers with "-T" differ in shape.
•See page 48 for dimensions.
•Nameplates are ordered separately.
ASNK
1
2
3
4
Contact
Code
Contact Block
Operator Position
Maintained
Spring Return
from Right
Maintained
Spring Return
from Left
Mounting
Position
Contact
L
R
L
R
L
R
L
R
L
R
10
(1NO)
1
NO
●
ASN3K10-T
*ASN3K10
ASN4K10-T
*ASN4K10
2
—
—
11
(1NO-1NC)
2
NO
●
ASN3K11-T
*ASN3K11
ASN4K11-T
*ASN4K11
2
NC
●
20
(2NO)
1
NO
●
ASN3K20-T
*ASN3K20
ASN4K20-T
*ASN4K20
2
NO
●
22
(2NO-2NC)
1
NO
●
ASN3K22-T
*ASN3K22
ASN4K22-T
*ASN4K22
2
NC
●
3
NO
●
4
NC
●
7S
(1NO-1NC)
1
NO
ASN3K7S-T
*ASN3K7S (Note)
ASN4K7S-T
*ASN4K7S (Note)
2
NC
10
(1NO)
1
NO
●
*ASN30K10
*ASN40K10
2
—
—
01
(1NC)
1
NC
●
—
ASN40K01-T
2
—
—
11
(1NO-1NC)
1
NO
●
*ASN30K11
ASN40K11-T
*ASN40K11
2
NO
●
20
(2NO)
1
NC
●
*ASN30K20
ASN40K20
2
NC
●
02
(2NC)
1
NC
●
—
ASN40K02-T
2
NC
●
22
(2NO-2NC)
1
NC
●
*ASN30K22
ASN40K22-T
*ASN40K22
2
NO
●
3
NC
●
4
NO
●
7S
(1NO-1NC)
1
NO
*ASN30K7S (Note)
ASN40K7S-T
*ASN40K7S (Note)
2
NC
Note: The overlapping time is shorter for left to right than right to left. Take overlapping time into consideration.
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com