Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-RPN02 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # AVLN3L-RPN02
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-RPN02 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-RPN02 Datasheet HTML 43Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 44Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 45Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 46Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 47Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 48Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 49Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 50Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
74
ø30 ø30 Series Accessories and Replacement Parts
Maintenance Parts
Shape
Description
Material
Part No.
Ordering No.
Package
Quantity
Remarks
Button
For ø40 pushlock
turn reset
pushbuttons
(for AVN3)
AS resin AVN3B-➁
AVN3B-➁
1
R (red), Y (yellow)
Lens
For ø40 pushlock
turn reset
pushbuttons
(for AVLN3,
AVLNE3)
AS resin
AVLN3L-R
AVLN3L-RPN02
2
Red only
Lens
For ø40 pushlock
turn reset
pushbuttons
(for AJN3)
AS resin AJN3B-➁
AJN3B-➁
1
B (black), G (green),
R (red), Y (yellow)
Lens
For ø40 pushlock
turn reset
pushbuttons
(for AJLN3)
AS resin AJLN3L-➁
AJLN3L-➁
1
-G (green),
-R (red), L-Y (yellow),
L-A (amber), L-W (white)
Marking Plate
For UPQN4
Plastic
UPQN406N-W UPQN406N-WPN05
5
Rubber Washer (3.0mm thick)
Rubber
OW-12
OW-12PN10
10
Rubber Washer (1.5mm thick)
Rubber
OW-11
OW-11PN10
10
Shroud
➊
➋
➌
➍
➎
➏
➐
➊
Half shroud
(for pushbuttons)
Metal
ABN2G
ABN2G
1
➋
Full shroud
(for pushbuttons)
ABN2F
ABN2F
1
➌
Full shroud
(for mushroom
pushbuttons)
ABN3G
ABN3G
1
➍
Shallow shroud
(for jumbo mush-
rooms)
ABN4G
ABN4G
1
➎
Deep shroud
(for jumbo mush-
rooms)
ABN4F
ABN4F
1
➏
Half shroud
(for illuminated
pushbuttons)
ALN1GL
ALN1GL
1
•For incandescent/LED
illuminated pushbuttons
(E12 base)
ALN2GL
ALN2GL
1
•For LED illuminated
pushbuttons (BA9S base)
➐
Full shroud
(for illuminated
pushbuttons)
ALN1F
ALN1F
1
•For incandescent/LED
illuminated pushbuttons
(E12 base)
ALN2FL
ALN2FL
1
•For LED illuminated push-
buttons (BA9S base)
Selector Knob
Knob for
Illuminated
selector switch
AS resin
ASLNH
ASLNH-∗
1
G (green), R (red),
S (blue)
ASLNHD
ASLNHD-∗
A (amber), W (white),
Y (yellow)
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com