Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-RPN02 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AVLN3L-RPN02
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-RPN02 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-RPN02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 9Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 10Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 11Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 12Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 13Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
25
ø30 Series Pushbuttons ø30
Pull / Push-Pull / Pin Lock Pushbuttons
Package Quantity: 1
Shape
Contact
Part No.
➀ Button Color
Code
Dimensions (mm)
Mushroom Pull
ATN23
1NO
ATN2310➀
B: black
G: green
R: red
Y: yellow
M3.5 Terminal Screw
40
53 (1 or 2 blocks)
Panel Thickness 0.8 to 7.5
6
23
38.5
1NO-1NC
ATN2311➀
2NO
ATN2320➀
2NC
ATN2302➀
Mushroom Push-Pull
ATN21
1NO-1NC
ATN2111➀
M3.5 Terminal Screw
40
53 (1 or 2
blocks)
Panel Thickness 0.8 to 7.5
6
23
38.5
76 (3 or 4 blocks)
2NO
ATN2120➀
2NC
ATN2102➀
2NO-2NC
ATN2122➀
ATN22
(Spring Return)
Mushroom Push-Pull
1NO-1NC
ATN2211➀
M3.5 Terminal Screw
40
53 (1 or 2
blocks)
Panel Thickness 0.8 to 7.5
6
23
38.5
76 (3 or 4 blocks)
2NO-2NC
ATN2222➀
Pin Lock
ABN8P
1NO
ABN8P10
–
M3.5 Terminal Screw
40
49
23
Panel Thickness 0.8 to 7.5
44.5 (1 or
2 blocks)
6
67 (3 or 4 blocks)
26.5
1NC
ABN8P01
1NO-1NC
ABN8P11
2NO
ABN8P20
2NC
ABN8P02
2NO-2NC
ABN8P22
Pin Lock (ON Lock)
ABN8P**-TK231-1
1NO
ABN8P10-TK231-1
–
M3.5 Terminal Screw
40
49
23
Panel Thickness 0.8 to 7.5
44 (1 or 2
blocks)
6
67 (3 or 4 blocks)
25.4
M3.5 Terminal Screw
40
49
23
Panel Thickness 0.8 to 7.5
44 (1 or 2
blocks)
6
67 (3 or 4 blocks)
25.4
1NC
ABN8P01-TK231-1
1NO-1NC
ABN8P11-TK231-1
2NO
ABN8P20-TK231-1
2NC
ABN8P02-TK231-1
2NO-2NC
ABN8P22-TK231-1
•Specify a button color code in place of ➀ in the Part No.
•Round bezel and shroud (metal): Chrome-plated
•Square bezel (metal): Chrome-plated
•Other contact arrangements and gold-plated silver contacts are also available. See page 20.
•
Pull: Pulling the button operates the contacts. Up to 2 contact blocks (1 layer) can be mounted on pull switches.
•
Push-Pull: Button is maintained in both depressed and reset positions.
Note: ø30 push pull switches cannot be used as emergency stop switches. When emergency stop switches are required, use XN series
emergency stop switches (ISO 13850 and IEC 60947-5-5 compliant).
•
Push-Pull (Spring Return): Pushing or pulling the button operates the contacts. Button is spring-returned to the center position.
•
Pin Lock: Button can be locked in either depressed or reset position by inserting the pin. Pad lock with a ø6mm pin can also be used to
lock the button.
•
Pin Lock (ON Lock): Button is locked in the depressed position by inserting the pin. Button cannot be locked in the reset position.
(nameplate sold
separately)
(nameplate sold
separately)
(nameplate
sold separately)
(nameplate sold
separately)
Pull Switch (Spring Return)
Contact
ATN23
Normal
Pull
1NO
1NC
1NO-1NC
2NO
2NC
Push-Pull Switch (Maintained)
Contact
ATN21
Push
Pull
1NO-1NC
2NO
2NC
2NO-2NC
Push-Pull (Spring Return)
Contact
ATN22
Push
Normal
Pull
1NO-1NC
2NO-2NC
Contact Operation
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com