Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLN3L-RPN02 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AVLN3L-RPN02
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AVLN3L-RPN02 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AVLN3L-RPN02 Datasheet HTML 26Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 27Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 28Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 29Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 30Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 31Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 32Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 33Page - List of Unclassifed Manufacturers AVLN3L-RPN02 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
45
ø30 Series Selector Switches ø30
ASNL Selector Switches (Lever Operator)
45° 3-position
Package Quantity: 1
Shape
Contact Arrangement Chart
ASNL
•Lever: Black
•Round bezel (metal): Chrome-plated
•Units marked with  and part numbers with
"-T" differ in shape.
See page 48 for dimensions.
•Nameplates are ordered separately.
1
3
2
4
Contact
Code
Contact Block
Operator Position
Maintained
Spring Return
from Left
Maintained
Spring Return
from Right
Mounting
Position
Contact
L
R
C
C
L
R
C
L
R
C
L
R
C
L
R
11
(1NO-1NC)
1
NO
●
*ASNL111
*ASNL211
2
NC
●
20
(2NO)
1
NO
●
ASNL120-T
ASNL220-T
2
NO
●
22
(2NO-2NC)
1
NO
●
*ASN1L22
*ASN2L22
2
NO
●
3
NC
●
4
NC
●
40
(4NO)
1
NO
●
ASN1L40-T
ASN2L40-T
2
NO
●
3
NO
●
4
NO
●
22
(2NO-2NC)
1
NO
●
ASN1L5S
ASN2L5S
2
NO
●
3
NC
4
NC
02
(2NC)
1
NC
ASN1L7S
ASN2L7S
2
NC
04
(4NC)
1
NC
ASN1L8S
ASN2L8S
2
NC
3
NC
4
NC
11
(1NO-1NC)
1
NO
●
*ASN10L11
*ASN20L11
2
NC
●
02
(2NC)
1
NC
●
—
ASN20L02-T
2
NC
●
22
(2NO-2NC)
1
NO
●
*ASN10L22
*ASN20L22
2
NC
●
3
NO
●
4
NC
●
04
(4NC)
1
NC
●
—
ASN20L04-T
2
NC
●
3
NC
●
4
NC
●
22
(2NO-2NC)
1
NO
●
ASN10L5S
ASN20L5S
2
NO
●
3
NC
4
NC
02
(2NC)
1
NC
ASN10L7S
ASN20L7S
2
NC
04
(4NC)
1
NC
ASN10L8S
ASN20L8S
2
NC
3
NC
4
NC
ASN-T are twin-rod units. Single rods are available for the same circuit (marked with *) but different contacts are used.
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com