Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038PRO Datasheet(PDF) 24 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 24 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 20Page - ESS Technology,Inc ES9038PRO Datasheet HTML 21Page - ESS Technology,Inc ES9038PRO Datasheet HTML 22Page - ESS Technology,Inc ES9038PRO Datasheet HTML 23Page - ESS Technology,Inc ES9038PRO Datasheet HTML 24Page - ESS Technology,Inc ES9038PRO Datasheet HTML 25Page - ESS Technology,Inc ES9038PRO Datasheet HTML 26Page - ESS Technology,Inc ES9038PRO Datasheet HTML 27Page - ESS Technology,Inc ES9038PRO Datasheet HTML 28Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
24
Register 10: Master Mode and Sync Configuration
Bits
[7]
[6:5]
[4]
[3:0]
Mnemonic
master_mode
master_div
128fs_mode
lock_speed
Default
1’b0
2’b00
1’b0
4’d0
Bit
Mnemonic
Description
[7]
master_mode
Enables master mode which causes the SABRE DAC to derive the
DATA_CLK and DATA1 signals when in I2S mode. Can also be enabled
when in DSD mode to enable DATA_CLK only.
•
1’b1: enables master mode
•
1’b0: disables master mode (default)
[6:5]
master_div
Sets the frame clock (DATA1) and DATA_CLK frequencies when in
master mode. This register is used when in normal synchronous
operation.
•
2’b00: DATA_CLK frequency = MCLK/2 (default)
•
2’b01: DATA_CLK frequency = MCLK/4
•
2’b10: DATA_CLK frequency = MCLK/8
•
2’b11: DATA_CLK frequency = MCLK/16
[4]
128fs_mode
Enables operation of the DAC while in synchronous mode with a
128*FSR MCLK in PCM normal or OSF bypass mode only.
•
1’b1: enables MCLK = 128*FSR mode
•
1’b0: disables MCLK = 128*FSR mode (default)
[3:0]
lock_speed
Sets the number of audio samples required before the DPLL and jitter
eliminator lock to the incoming signal. More audio samples give a better
initial estimate of the MCLK/FSR ratio at the expense of a longer locking
interval.
•
4’d0: 16384 FSL edges (default)
•
4’d1: 8192 FSL edges
•
4’d2: 5461 FSL edges
•
4’d3: 4096 FSL edges
•
4’d4: 3276 FSL edges
•
4’d5: 2730 FSL edges
•
4’d6: 2340 FSL edges
•
4’d7: 2048 FSL edges
•
4’d8: 1820 FSL edges
•
4’d9: 1638 FSL edges
•
4’d10: 1489 FSL edges
•
4’d11: 1365 FSL edges
•
4’d12: 1260 FSL edges
•
4’d13: 1170 FSL edges
•
4’d14: 1092 FSL edges
•
4’d15: 1024 FSL edges
Note: FSL=FSR except in DSD Mode FSL=FSR*64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com