Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038PRO Datasheet(PDF) 57 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 57 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 50Page - ESS Technology,Inc ES9038PRO Datasheet HTML 51Page - ESS Technology,Inc ES9038PRO Datasheet HTML 52Page - ESS Technology,Inc ES9038PRO Datasheet HTML 53Page - ESS Technology,Inc ES9038PRO Datasheet HTML 54Page - ESS Technology,Inc ES9038PRO Datasheet HTML 55Page - ESS Technology,Inc ES9038PRO Datasheet HTML 56Page - ESS Technology,Inc ES9038PRO Datasheet HTML 57Page - ESS Technology,Inc ES9038PRO Datasheet HTML 58Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
57
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Table RPC-1 Classification reflow profile
Profile Feature
Pb-Free Assembly
Preheat/Soak
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150°C
200°C
60-120 seconds
Ramp-up rate (TL to Tp)
3°C / second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217°C
60-150 seconds
Peak package body temperature
(Tp)
For users Tp must not exceed the classification temp in
Table RPC-2.
For suppliers Tp must equal or exceed the Classification
temp in Table RPC-2.
Time (tp)* within 5°C of the
specified classification temperature
(Tc), see Figure RPC-1
30* seconds
Ramp-down rate (Tp to TL)
6°C / second max.
Time 25°C to peak temperature
8 minutes max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user
maximum.
Note 1: All temperatures refer to the center of the package, measured on the package body surface that is facing up during assembly reflow (e.g., live-bug).
If parts are reflowed in other than the normal live-bug assembly reflow orientation (i.e., dead-bug), Tp shall be within ±2°C of the live-bug Tp and still
meet the Tc requirements, otherwise, the profile shall be adjusted to achieve the latter. To accurately measure actual peak package body
temperatures refer to JEP140 for recommended thermocouple use.
Note 2: Reflow profiles in this document are for classification/preconditioning and are not meant to specify board assembly profiles. Actual board assembly
profiles should be developed based on specific process needs and board designs and should not exceed the parameters in Table RPC-1.
For example, if Tc is 260°C and time tp is 30 seconds, this means the following for the supplier and the user.
For a supplier: The peak temperature must be at least 260°C. The time above 255°C must be at least 30 seconds.
For a user: The peak temperature must not exceed 260°C. The time above 255°C must not exceed 30 seconds.
Note 3: All components in the test load shall meet the classification profile requirements.
Table RPC-2 Pb-Free Process - Classification Temperatures (Tc)
Package Thickness
Volume mm3, <350
Volume mm3, 350 to 2000
Volume mm3, >2000
<1.6 mm
260°C
260°C
260°C
1.6 mm - 2.5 mm
260°C
250°C
245°C
>2.5 mm
250°C
245°C
245°C
Note 1: At the discretion of the device manufacturer, but not the board assembler/user, the maximum peak package body temperature (Tp) can exceed the
values specified in Table RPC-2. The use of a higher Tp does not change the classification temperature (Tc).
Note 2: Package volume excludes external terminals (e.g., balls, bumps, lands, leads) and/or non-integral heat sinks.
Note 3: The maximum component temperature reached during reflow depends on package thickness and volume. The use of convection reflow processes
reduces the thermal gradients between packages. However, thermal gradients due to differences in thermal mass of SMD packages may still exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com