Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038PRO Datasheet(PDF) 35 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 35 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 31Page - ESS Technology,Inc ES9038PRO Datasheet HTML 32Page - ESS Technology,Inc ES9038PRO Datasheet HTML 33Page - ESS Technology,Inc ES9038PRO Datasheet HTML 34Page - ESS Technology,Inc ES9038PRO Datasheet HTML 35Page - ESS Technology,Inc ES9038PRO Datasheet HTML 36Page - ESS Technology,Inc ES9038PRO Datasheet HTML 37Page - ESS Technology,Inc ES9038PRO Datasheet HTML 38Page - ESS Technology,Inc ES9038PRO Datasheet HTML 39Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
35
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Register 46: ADC Configuration
Bits
[7:6]
[5:4]
[3:2]
[1:0]
Mnemonic
adc_first_orderb
adc_clk_sel
adc_dither_enb
adc_pdb
Default
2’b00
2’b00
2’b00
2’b00
Bit
Mnemonic
Description
[7:6]
adc_first_orderb
Selects whether the ADC uses a first-order modulator or a second-
order modulator in the analog section.
[7] affects ADC2 while [6] affects ADC1.
•
1’b0: uses a first order modulator providing the best
performance (default)
•
1’b1: uses a second order modulator
[5:4]
adc_clk_sel
Sets the clock dividing ratio for the ADC analog section.
This setting also affects the decimation filter stages.
•
2’d0: ADC_CLK = MCLK
•
2’d1: ADC_CLK = MCLK/2
•
2’d2: ADC_CLK = MCLK/4
•
2’d3: ADC_CLK = MCLK/8
[3:2]
adc_dither_enb
Allows the ADC dither to be disabled on a per ADC basis.
[3] affects ADC2 while [2] affects ADC1.
•
1’b0: uses TPDF shaped dither providing the best
performance (default)
•
1’b1: disabled dither
[1:0]
adc_pdb
Shuts down each ADC independently.
[1] affects ADC2 while [0] affects ADC1.
Note: GPIO must be configured as ADC mode for the ADC to
function correctly.
•
1’b0: shuts down the ADC (default)
•
1’b1: enables the ADC analog stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com