Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038PRO Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 7 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 3Page - ESS Technology,Inc ES9038PRO Datasheet HTML 4Page - ESS Technology,Inc ES9038PRO Datasheet HTML 5Page - ESS Technology,Inc ES9038PRO Datasheet HTML 6Page - ESS Technology,Inc ES9038PRO Datasheet HTML 7Page - ESS Technology,Inc ES9038PRO Datasheet HTML 8Page - ESS Technology,Inc ES9038PRO Datasheet HTML 9Page - ESS Technology,Inc ES9038PRO Datasheet HTML 10Page - ESS Technology,Inc ES9038PRO Datasheet HTML 11Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
7
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Master Mode
The DAC can become an audio timing master via master_mode in Register 10: Master Mode and Sync Configuration.
o
The ‘input_select’ bits in Register 1: Input selection must be set correctly to select either DSD or serial master mode.
The Bit Clock frequency can be configured using one of the following two methods:
o
Set the desired master_div in Register 10: Master Mode and Sync Configuration, or
o
Use NCO mode to set FSR using Register 42-45: Programmable NCO. When in NCO mode the master_div setting will
be ignored.
An available GPIO pin can be configured to output MCLK using Register 8: GPIO1-2 Configuration and Register 9: GPIO3-4
Configuration.
DATA_CLK
DATA1
DATA5~2
SD[3:0] (Serial PCM Data)
DATA_CLK
DATA1
DATA5~2
GPIOx
MCLK (Master Clock)
SLAVE PCM MODE
MASTER PCM MODE
BCLK (Bit Clock)
LRCK (Frame Clock)
BCLK (Bit Clock)
LRCK (Frame Clock)
SD[3:0] (Serial PCM Data)
DATA_CLK
DATA8~1
DATA_CLK
DATA8~1
GPIOx
MCLK (Master Clock)
SLAVE DSD MODE
MASTER DSD MODE
DSD DATA_CLK
DSD DATA[7:0]
DSD DATA_CLK
DSD DATA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com