Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038PRO Datasheet(PDF) 56 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 56 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 50Page - ESS Technology,Inc ES9038PRO Datasheet HTML 51Page - ESS Technology,Inc ES9038PRO Datasheet HTML 52Page - ESS Technology,Inc ES9038PRO Datasheet HTML 53Page - ESS Technology,Inc ES9038PRO Datasheet HTML 54Page - ESS Technology,Inc ES9038PRO Datasheet HTML 55Page - ESS Technology,Inc ES9038PRO Datasheet HTML 56Page - ESS Technology,Inc ES9038PRO Datasheet HTML 57Page - ESS Technology,Inc ES9038PRO Datasheet HTML 58Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
56
Reflow Process Considerations
For lead-free soldering, the characterization and optimization of the reflow process is the most important factor you need to
consider.
The lead-free alloy solder has a melting point of 217°C. This alloy requires a minimum reflow temperature of 235°C to
ensure good wetting. The maximum reflow temperature is in the 245°C to 260°C range, depending on the package size
(Table RPC-2). This narrows the process window for lead-free soldering to 10°C to 20°C.
The increase in peak reflow temperature in combination with the narrow process window makes the development of an
optimal reflow profile a critical factor for ensuring a successful lead-free assembly process. The major factors contributing to
the development of an optimal thermal profile are the size and weight of the assembly, the density of the components, the
mix of large and small components, and the paste chemistry being used.
Reflow profiling needs to be performed by attaching calibrated thermocouples well adhered to the device as well as other
critical locations on the board to ensure that all components are heated to temperatures above the minimum reflow
temperatures and that smaller components do not exceed the maximum temperature limits (Table RPC-2).
To ensure that all packages can be successfully and reliably assembled, the reflow profiles studied and recommended by
ESS are based on the JEDEC/IPC standard J-STD-020 revision D.1.
Figure RPC-1. IR/Convection Reflow Profile (IPC/JEDEC J-STD-020D.1)
Note: Reflow is allowed 3 times. Caution must be taken to ensure time between re-flow runs does not exceed the allowed time by the
moisture sensitivity label. If the time elapsed between the re-flows exceeds the moisture sensitivity time bake the board according to the
moisture sensitivity label instructions.
Manual Soldering:
Allowed up to 2 times with maximum temperature of 350 degrees no longer than 3 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com