Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038PRO Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9038PRO Datasheet HTML 1Page - ESS Technology,Inc ES9038PRO Datasheet HTML 2Page - ESS Technology,Inc ES9038PRO Datasheet HTML 3Page - ESS Technology,Inc ES9038PRO Datasheet HTML 4Page - ESS Technology,Inc ES9038PRO Datasheet HTML 5Page - ESS Technology,Inc ES9038PRO Datasheet HTML 6Page - ESS Technology,Inc ES9038PRO Datasheet HTML 7Page - ESS Technology,Inc ES9038PRO Datasheet HTML 8Page - ESS Technology,Inc ES9038PRO Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION
Analog Reinvented
ES9038PRO
Flagship 32-Bit HyperStream® II
8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
FEATURES
BENEFITS
Patented 32-bit HyperStream® II DAC
o
Up to 140dB DNR (mono mode)
o
–122dB THD+N
o
Industry’s highest performance 32-bit audio DAC with unprecedented
dynamic range and ultra-low distortion
o
Supports both synchronous and asynchronous sampling modes
Patented Time Domain Jitter Eliminator
o
Unmatched audio clarity free from input clock jitter
64-bit accumulator and 32-bit processing
o
Distortion-free signal processing
Versatile Digital Input
o
Supports SPDIF, PCM (I2S, LJ, RJ 16-32-bit), DoP or DSD input
o
Supports up to 768kHz PCM, DSD256 via DoP and native DSD1024
o
Supports up to 1.536MHz external oversampling filter
o
Supports master and slave timing modes
Integrated DSP functions
o
Click-free, soft mute and output volume changes
o
Programmable Zero detection
o
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
Customizable output configuration
o
Mono, stereo, or 8-channel output with either current-mode or voltage-mode
operation (current-mode gives lower THD)
User Programmable Oversampling Filter
o
7 ready-to-use preset filters with linear/minimum phase and low-delay
o
Supports custom coefficients for unique sound signature
o
Supports external oversampling filter
Clock Gearing
o
Reduces operating frequency for lower power consumption
Gain Calibration ADC
o
Enables uniform output level across all chips
THD compensation
o
Minimizes distortion from external PCB components and layout
Full 8-to-8 channel mapping
o
Allows channels to be remapped for optimized PCB routing
APPLICATIONS
Digital-Audio Workstations
Professional Audio Equipment
Blu-ray / SACD players
A/V Receivers
The SABRE® ES9038PRO Flagship HyperStream® II 8-channel audio DAC
is the world’s highest performance 32-bit
solution designed for Audiophile and Studio equipment applications such as SACD players, Blu-ray players, digital
preamplifier, A/V receivers, studio consoles and digital audio workstations.
Part
Number
Description
Package
DNR
(dB)
THD+N
(dB)
32-bit
DAC
I2S / DoP / DSD
/ SPDIF Input
Jitter
Reduction
ES9038PRO
SABRE® PRO Flagship 32-bit
HypersStream® II 8-ch Audio DAC
64
eTQFP
140 (mono)
132 (8-Ch)
–122
Yes
Yes
Yes
Using the critically acclaimed ESS
’ patented HyperStream® II architecture and Time Domain Jitter Eliminator, the
ES9038PRO 32-Bit Audio DAC delivers an unprecedented DNR of up to 140dB in mono mode and THD+N of
–122dB, the
industry’s highest performance level that will satisfy the needs of the most demanding audio applications.
The ES9038PRO handles up to 32-bit 768kHz PCM, DSD256 via DoP and native DSD1024 data in master or slave timing
modes. Custom sound signature is supported via a fully programmable FIR filter with 7 presets. Residual distortion from
suboptimal PCB components and layout can be minimized using
ES9038PRO’s unique THD compensation circuit, while
chip-to-chip gain variation is minimized via a built-in auto gain calibration circuit.
The SABRE® ES9038PRO sets the standard for HD audio performance, SABRE SOUND®, in a cost-effective, easy-to-use
64-eTQFP package
for today’s most demanding digital-audio applications.


Similar Part No. - ES9038PRO

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
32-Bit Stereo Low Power Audio DAC
July 17, 2019
More results

Similar Description - ES9038PRO

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
Ultra 32-bit 8-Channel Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
Reference 32-bit Audio DAC
ES9028PRO ESS-ES9028PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9026PRO ESS-ES9026PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
Reference 32-bit Audio DAC
August 9, 2021
ES9027PRO ESS-ES9027PRO Datasheet
1Mb / 89P
32-bit High-Performance 8-Channel DAC
November 17, 2022
ES9039MPRO ESS-ES9039MPRO Datasheet
1Mb / 95P
32-bit High-Performance 8-Channel DAC
Sept, 2022
ES9080 ESS-ES9080 Datasheet
2Mb / 146P
32-bit High-Performance 8-Channel DAC
April 7th, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com