Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038PRO Datasheet(PDF) 46 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 46 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 42Page - ESS Technology,Inc ES9038PRO Datasheet HTML 43Page - ESS Technology,Inc ES9038PRO Datasheet HTML 44Page - ESS Technology,Inc ES9038PRO Datasheet HTML 45Page - ESS Technology,Inc ES9038PRO Datasheet HTML 46Page - ESS Technology,Inc ES9038PRO Datasheet HTML 47Page - ESS Technology,Inc ES9038PRO Datasheet HTML 48Page - ESS Technology,Inc ES9038PRO Datasheet HTML 49Page - ESS Technology,Inc ES9038PRO Datasheet HTML 50Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
46
XIN Timing
Parameter
Symbol
Min
Max
Unit
XIN pulse width high
TMCH
4.5
ns
XIN pulse width low
TMCL
4.5
ns
XIN cycle time
TMCY
10
ns
XIN duty cycle
45:55
55:45
Audio Interface Timing
t
DCH
t
DCL
t
DCY
DATA_CLK
t
DH
t
DS
DATA[8:1]
Valid
Invalid
Valid
t
DCH
t
DCL
t
DCY
DATA_CLK
t
DH
t
DS
DATA[8:1]
Valid
Invalid
Valid
Parameter
Symbol
Min
Max
Unit
DATA_CLK pulse width high
tDCH
4.5
ns
DATA_CLK pulse width low
tDCL
4.5
ns
DATA_CLK cycle time
tDCY
10
ns
DATA_CLK duty cycle
45:55
55:45
DATA set-up time to DATA_CLK rising edge
tDS
2
ns
DATA hold time to DATA_CLK rising edge
tDH
2
ns
t
MCH
t
MCL
t
MCY
XIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com