Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038PRO Datasheet(PDF) 43 Page - ESS Technology,Inc

Part # ES9038PRO
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO Datasheet(HTML) 43 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 39Page - ESS Technology,Inc ES9038PRO Datasheet HTML 40Page - ESS Technology,Inc ES9038PRO Datasheet HTML 41Page - ESS Technology,Inc ES9038PRO Datasheet HTML 42Page - ESS Technology,Inc ES9038PRO Datasheet HTML 43Page - ESS Technology,Inc ES9038PRO Datasheet HTML 44Page - ESS Technology,Inc ES9038PRO Datasheet HTML 45Page - ESS Technology,Inc ES9038PRO Datasheet HTML 46Page - ESS Technology,Inc ES9038PRO Datasheet HTML 47Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
43
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Register 94-99 (Read-Only): Reserved
Register 100 (Read-Only): Input Selection
Bits
[7:4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
dop_valid
spdif_select
i2s_select
dsd_select
Default
4’b0000
1’b0
1’b0
1’b0
1’b0
Bit
Mnemonic
Description
[7:4]
reserved
[3]
dop_valid
Contains the status of the DoP decoder.
•
1’b0: The DoP decoder has not detected a valid DoP signal.
•
1’b1: The DoP decoder has detected a valid DoP signal on the I2S or
SPDIF inputs.
[2]
spdif_select
Contains the status of the SPDIF decoder.
•
1’b0: The SPDIF decoder has been unable to decode a valid SPDIF
frame.
•
1’b1: The SPDIF decoder has decoded a sequence of valid SPDIF
frames.
[1]
i2s_select
Contains the status of the I2S decoder.
•
1’b0: The I2S decoder has not found a valid frame clock or bit clock.
•
1’b1: The I2S decoder has detected a valid frame clock and bit clock
arrangement.
[0]
dsd_select
Contains the status of the DSD decoder.
•
1’b0: The DSD decoder is not being used.
•
1’b1: The DSD decoder is being used as a fallback option if I2S and
SPDIF have both failed to decode their respective input signals.
Register 101-109: Reserved
Register 110-112: ADC1 GPIO2 (READ ONLY)
Bits
[23:0]
Mnemonic
adc_fbq_scale2
Default
24
’d0
Register 113-115: ADC2 GPIO1 (READ ONLY)
Bits
[23:0]
Mnemonic
adc_fbq_scale2
Default
24
’d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com