Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9546 Datasheet HTML 35Page - Analog Devices AD9546 Datasheet HTML 36Page - Analog Devices AD9546 Datasheet HTML 37Page - Analog Devices AD9546 Datasheet HTML 38Page - Analog Devices AD9546 Datasheet HTML 39Page - Analog Devices AD9546 Datasheet HTML 40Page - Analog Devices AD9546 Datasheet HTML 41Page - Analog Devices AD9546 Datasheet HTML 42Page - Analog Devices AD9546 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 39 of 205
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
M3
4
5
6
7
25
OUT0AN
26
27
28
29
30
31
32
33
34
35
36
SDO/M5
8
9
10
11
12
OUT1AP
SDIO/SDA
CSB/M6
OUT0AP
VDDIOA
SCLK/SCL
VDD
VDD
VDD
LF0
LDO0
PIN 1
INDICATOR
AD9546
TOP VIEW
(Not to Scale)
VDD
M1
OUT1AN
M2
VDD
LDO1
VDD
LF1
M0
VDDIOB
NOTES
1. EXPOSED PAD. THE EXPOSED PAD IS THE GROUND CONNECTION
ON THE CHIP. THE EXPOSED PAD MUST BE SOLDERED TO THE
ANALOG GROUND OF THE PCB TO ENSURE PROPER
FUNCTIONALITY AND FOR HEAT DISSIPATION, NOISE, AND
MECHANICAL STRENGTH BENEFITS.
2. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 2. Pin Configuration
Table 41. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
1
SDO/M5
Output
CMOS
Serial Data Output (SDO). This pin is for reading serial data in 4-wire SPI mode.
Changes to the VDDIOA supply voltage affect the VIH and VOH values for this pin.
Configurable Input/Output (M5). This pin is a status and control pin when the
device is not in 4-wire SPI mode.
2
SCLK/SCL
Input
CMOS
Serial Programming Clock Pin in SPI Mode (SCLK). Changes to the VDDIOA
supply voltage affect the VIH and VOH values for this pin.
Serial Clock Pin in I2C Mode (SCL). Changes to the VDDIOA supply voltage affect
the VIH and VOH values for this pin.
3
VDDIOA
Input
Power
Serial Port Power Supply. The valid supply voltage is 1.8 V, 2.5 V, or 3.3 V. The
VDDIOA pin can be connected to the VDD supply bus if 1.8 V operation is
desired.
4
SDIO/SDA
Input/
output
CMOS
Serial Data Input/Output in SPI Mode (SDIO). Write data to this pin in 4-wire SPI
mode. This pin has no internal pull-up or pull-down resistor. Changes to the
VDDIOA supply voltage affect the VIH and VOH values for this pin.
Serial Data Pin in I2C Mode (SDA).
5
CSB/M6
Input/
output
CMOS
Chip Select in SPI Mode (CSB). Active low input. Maintain a Logic 0 level on this
pin when programming the device in SPI mode. This pin has an internal 10 kΩ
pull-up resistor. Changes to the VDDIOA supply voltage affect the VIH and VOH
values for this pin.
Configurable Input/Output (M6). This pin is a status and control pin when the
device is not in SPI mode.
6, 9, 10, 13, 19,
20, 24, 27, 28,
31, 40, 41, 45
VDD
Input
Power
1.8 V Power Supply.
7
LDO0
Input
LDO bypass
APLL0 Loop Filter Voltage Regulator. Connect a 0.22 μF capacitor from the
LDO0 pin to ground. LDO0 is the ac ground reference for the integrated APLL0
loop filter.
8
LF0
Input/
output
Loop filter
for APLL0
Loop Filter Node for APLL0. Connect a 3.9 nF capacitor from the LF0 pin to Pin 7
(LDO0).
11
OUT0AP
Output
HCSL, LVDS,
CML
PLL0 Output 0A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com