Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9546 Datasheet HTML 9Page - Analog Devices AD9546 Datasheet HTML 10Page - Analog Devices AD9546 Datasheet HTML 11Page - Analog Devices AD9546 Datasheet HTML 12Page - Analog Devices AD9546 Datasheet HTML 13Page - Analog Devices AD9546 Datasheet HTML 14Page - Analog Devices AD9546 Datasheet HTML 15Page - Analog Devices AD9546 Datasheet HTML 16Page - Analog Devices AD9546 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 13 of 205
Parameter
Min
Typ
Max
Unit
REFAA 1.8 V CMOS
Aggressor Reference and Input Mode
REFB Differential AC-Coupled
−76
dBc
REFB Differential LVDS
−76
dBc
REFBB 1.2 V CMOS
−76
dBc
REFBB 1.8 V CMOS
−76
dBc
REFBB Single-Ended AC-Coupled
−76
dBc
REFAA Single-Ended AC-Coupled
Aggressor Reference and Input Mode
REFB Differential AC-Coupled
−75
dBc
REFB Differential LVDS
−75
dBc
REFBB 1.2 V CMOS
−76
dBc
REFBB 1.8 V CMOS
−76
dBc
REFBB Single-Ended AC-Coupled
−76
dBc
REFB or REFBB Using Any Single-Ended Input Mode
Aggressor Reference (Not REFA or REFAA)
M0, M1, M2, or M3 with VDDIOx = 1.8 V or 3.3 V; and Connected to Any
Auxiliary Reference
−66
dBc
REFBB Using Any Single-Ended Input Mode
Aggressor Reference (Not REFA or REFAA)
M0, M1, or M2 (Not M3) with VDDIOx = 1.8 V or 3.3 V; and Connected to Any
Auxiliary Reference
−74
dBc
REFB and REFBB Using Any Differential Input Mode
Aggressor Reference (Not REFA or REFAA)
M0, M1, M2, or M3 with VDDIOx = 1.8 V or 3.3 V; and Connected to Any
Auxiliary Reference
−70
dBc
M0 with VDDIOx = 1.8 V or 3.3 V
Aggressor Reference (Not REFA or REFAA)
REFB or REFBB Using Any Input Mode; or M1, M2, or M3 with VDDIOx = 1.8 V
or 3.3 V; and Connected to Any Auxiliary Reference
−65
dBc
M0 with VDDIOx = 1.8 V or 3.3 V
Aggressor Reference (Not REFA or REFAA)
REFB or REFBB Using Any Input Mode; or M2 or M3 (Not M1) with VDDIOx =
1.8 V or 3.3 V; and Connected to Any Auxiliary Reference
−70
dBc
M1 with VDDIOx = 1.8 V or 3.3 V
Aggressor Reference (Not REFA or REFAA)
REFB or REFBB Using Any Input Mode; or M0, M2, or M3 with VDDIOx = 1.8 V
or 3.3 V; and Connected to Any Auxiliary Reference
−68
dBc
M2 with VDDIOx = 1.8 V or 3.3 V
Aggressor Reference (Not REFA or REFAA)
REFB or REFBB Using Any Input Mode; or M1, M3, or M4 with VDDIOx = 1.8 V
or 3.3 V; and Connected to Any Auxiliary Reference
−67
dBc
M3 with VDDIOx = 1.8 V or 3.3 V
Aggressor Reference (Not REFA or REFAA)
REFB or REFBB Using Any Input Mode; or M0, M1, or M2 with VDDIOx = 1.8 V
or 3.3 V; and Connected to Any Auxiliary Reference
−69
dBc
M3 with VDDI0x = 3.3 V (Not 1.8 V)
Aggressor Reference (Not REFA, REFAA, REFB, or REFBB)
M0, M1, or M2 with VDDIOx = 3.3 V (Not 1.8 V); and Connected to Any
Auxiliary Reference
−80
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com