Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9546 Datasheet HTML 19Page - Analog Devices AD9546 Datasheet HTML 20Page - Analog Devices AD9546 Datasheet HTML 21Page - Analog Devices AD9546 Datasheet HTML 22Page - Analog Devices AD9546 Datasheet HTML 23Page - Analog Devices AD9546 Datasheet HTML 24Page - Analog Devices AD9546 Datasheet HTML 25Page - Analog Devices AD9546 Datasheet HTML 26Page - Analog Devices AD9546 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 23 of 205
DPLL PROPAGATION DELAY
DPLL propagation delay is the difference in clock edge timing at the output (OUTxyP/OUTxyN) relative to the REFA input (1.2 V
CMOS mode). To accommodate edge timing measurements, the DPLL is configured for internal zero delay (hitless) operation and with
a 1:1 frequency translation ratio: fREF = fOUT = 10 MHz. Delay compensation is not active (see the Delay Compensation section).
Absolute delay values use Q Divider QxA as feedback for DPLLx, where x is 0 or 1. The data shows propagation delay for various output
driver configurations (single-ended, differential), driver modes (HCSL, CML), and driver output current. The data also shows the
propagation delay to outputs associated with a Q divider that is not the Q divider used for DPLL feedback. Also captured is the delay
when using DPLL1 instead of DPLL0.
Relative delay values show the impact of using other Q dividers for DPLL feedback (relative to QxA for DPLLx, where x is 0 or 1).
For the propagation delay variation due to using a reference input mode other than 1.2 V CMOS, use Table 8.
Table 18.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ABSOLUTE DELAY
REFA to OUT0AP
Q0A = DPLL0 feedback; driver output = single-ended
CML at 12.5 mA
1055
1265
1430
ps
CML at 15 mA
1065
1270
1430
ps
HCSL at 12.5 mA
1180
1385
1550
ps
HCSL at 15 mA
1145
1345
1515
ps
REFA to OUT0AN
1185
1390
1565
ps
Driver output = single-ended HCSL at 15 mA
REFA to OUT0A1
Driver output = differential
CML at 7.5 mA
805
1000
1180
ps
CML at 15 mA
760
955
1130
ps
HCSL at 7.5 mA
845
1030
1200
ps
HCSL at 15 mA
785
975
1155
ps
REFA to OUT0B1
770
960
1140
ps
Driver output = differential HCSL at 15 mA
REFA to OUT0C1
785
970
1145
ps
Driver output = differential HCSL at 15 mA
REFA to OUT1AP
1150
1370
1565
ps
Q1A = DPLL1 feedback; driver output = single-ended HCSL at 15 mA
REFA to OUT1A1
810
985
1140
ps
Driver output = differential HCSL at 15 mA
REFA to OUT1B1
740
970
1180
ps
Driver output = differential HCSL at 15 mA
RELATIVE DELAY2
With respect to Q0A (PLL0) or Q1A (PLL1)
QxAA
14
ps
QxB
9
ps
QxBB
23
ps
Q0C
36
ps
Q0CC
50
ps
1
OUTxy refers to Output xy where x is 0 or 1, and y is A, B, or C. See the Distribution Clock Output Drivers Overview section for more information about the output
drivers.
2
Qxy denotes a specific Q divider in the clock distribution section, where x is 0 or 1, and y is AA, B, BB, C, or CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com