Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9546 Datasheet HTML 25Page - Analog Devices AD9546 Datasheet HTML 26Page - Analog Devices AD9546 Datasheet HTML 27Page - Analog Devices AD9546 Datasheet HTML 28Page - Analog Devices AD9546 Datasheet HTML 29Page - Analog Devices AD9546 Datasheet HTML 30Page - Analog Devices AD9546 Datasheet HTML 31Page - Analog Devices AD9546 Datasheet HTML 32Page - Analog Devices AD9546 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 29 of 205
ANALOG LOOPBACK (ROUND TRIP DELAY) SPECIFICATIONS
The data in Table 29 reflects REFB configured for dc-coupled 1.2 V CMOS. The data for Path A captures the delay associated with the
path from the REFB receiver through the loopback selection mux to the M4 pin driver and the effect of operating the M4 driver with
nominal supply voltages of 1.8 V, 2.5 V, and 3.3 V. The data for Path B captures the delay associated with the reference divider. The data
for Path C captures the delay associated with the reference demodulator. See Figure 56 for a depiction of the three paths (A, B, and C).
In the upper propagation delay section of Table 29, the tabulated values include variation of supply voltage from nominal and
temperature variation.
In the lower propagation delay section of Table 29, the tabulated values include only variation of supply voltage from nominal. This data
is useful when the user has the means to correct for delay variation due to temperature by using the tabulated temperature coefficients to
apply an offset to round trip delay measurements.
The M4 output section of Table 29 specifies the output drive capability of the M4 pin driver when operating in analog loopback mode.
Table 29.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PROPAGATION DELAY
See Figure 56 for path details
REFB TO M4 Accounting for Supply
Variation from Nominal and
Temperature Variation
Path A
VDDIOB = 1.8 V
2.09
2.54
3.00
ns
VDDIOB = 2.5 V
1.79
2.09
2.45
ns
VDDIOB = 3.3 V
1.63
1.91
2.22
ns
Path B
VDDIOB = 1.8 V
R Divider > 1
2.95
3.57
4.20
ns
R Divider = 1
2.76
3.33
3.90
ns
Path C
4.14
5.11
6.06
ns
VDDIOB = 1.8 V
REFB to M4 Accounting for Supply
Variation from Nominal
See Figure 56 for path details
Path A
VDDIOB = 1.8 V
2.41
2.54
2.66
ns
Temperature Coefficient
4.12
ps/°C
VDDIOB = 2.5 V
1.98
2.09
2.20
ns
Temperature Coefficient
2.92
ps/°C
VDDIOB = 3.3 V
1.81
1.91
2.02
ns
Temperature Coefficient
2.33
ps/°C
Path B
VDDIOB = 1.8 V
R Divider > 1
3.32
3.57
3.80
ns
Temperature Coefficient
4.82
ps/°C
R Divider = 1
3.12
3.33
3.52
ns
Temperature Coefficient
4.73
ps/°C
Path C
4.75
5.11
5.45
ns
VDDIOB = 1.8 V
Temperature Coefficient
7.60
ps/°C
M4 OUTPUT SPECIFICATION
Applies only for analog loopback operation;
5 pF capacitive load
Frequency range
0
125
MHz
Maximum limit applies for full output voltage swing
with VDDIOB = 1.8 V, 2.5 V, or 3.3 V; output voltage
swing degrades for frequencies above 125 MHz
Pulse Width High
3
ns
Minimum duration of positive half cycle that supports
full output voltage swing; positive output voltage
swing degrades for frequencies above 125 MHz or for
pulse width < 3 ns
Pulse Width Low
3
ns
Minimum duration of negative half cycle that supports
full output voltage swing; negative output voltage
swing degrades for frequencies above 125 MHz or for
pulse width < 3 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com