Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9546 Datasheet HTML 15Page - Analog Devices AD9546 Datasheet HTML 16Page - Analog Devices AD9546 Datasheet HTML 17Page - Analog Devices AD9546 Datasheet HTML 18Page - Analog Devices AD9546 Datasheet HTML 19Page - Analog Devices AD9546 Datasheet HTML 20Page - Analog Devices AD9546 Datasheet HTML 21Page - Analog Devices AD9546 Datasheet HTML 22Page - Analog Devices AD9546 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 19 of 205
OUTPUT TO OUTPUT TIMING SKEW
The values in Table 12 indicate the time offset of the target output clock edge relative to the base output clock edge. fREF = 25 MHz; fREF
applied to a single reference input with that reference assigned to Digital Phase-Locked Loop 0 (DPLL0) and Digital Phase-Locked Loop
1 (DPLL1); DPLL0 and DPLL1 operate in zero delay (hitless mode); PLL0 and PLL1 frequency translation is such that the frequency of
the OUTxyP and OUTxyN pins (fOUTxy) = fREF for all outputs.
Table 12.
Parameter
Min
Typ
Max
Unit
TARGET OUTPUT1
OUT1A Differential CML
Base Output OUT0A
Differential CML
−21
+53
+123
ps
Differential HCSL
−89
−36
+14
ps
OUT1A Differential HCSL
Base Output OUT0A
Differential CML
3
83
174
ps
Differential HCSL
−61
−5
+50
ps
OUT1A Single-Ended CML
Base Output OUT0A
Differential CML
−24
+48
+109
ps
Differential HCSL
−120
−43
+25
ps
Single-Ended CML
−18
+63
+123
ps
Single-Ended HCSL
−132
−56
+8
ps
OUT1A Single-Ended HCSL
Base Output OUT0A
Differential CML
93
175
254
ps
Differential HCSL
16
84
190
ps
Single-Ended CML
92
191
282
ps
Single-Ended HCSL
0
77
134
ps
OUT0B or OUT0C Differential CML
Base Output OUT0A
Differential CML
37
60
97
ps
Differential HCSL
−67
−30
+2
ps
OUT0B or OUT0C Differential HCSL
Base Output OUT0A
Differential CML
53
87
118
ps
Differential HCSL
−25
−3
+22
ps
OUT0B or OUT0C Single-Ended CML
Base Output OUT0A
Differential CML
15
44
66
ps
Differential HCSL
−84
−48
−21
ps
Single-Ended CML
37
67
98
ps
Single-Ended HCSL
−100
−53
−24
ps
OUT0B or OUT0C Single-Ended HCSL
Base Output OUT0A
Differential CML
135
175
212
ps
Differential HCSL
53
80
112
ps
Single-Ended CML
162
198
273
ps
Single-Ended HCSL
46
79
104
ps
1
OUTxy refers to Output xy where x is 0 or 1, and y is A, B, or C. See the Distribution Clock Output Drivers Overview section for more information about the output
drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com