Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9546 Datasheet HTML 45Page - Analog Devices AD9546 Datasheet HTML 46Page - Analog Devices AD9546 Datasheet HTML 47Page - Analog Devices AD9546 Datasheet HTML 48Page - Analog Devices AD9546 Datasheet HTML 49Page - Analog Devices AD9546 Datasheet HTML 50Page - Analog Devices AD9546 Datasheet HTML 51Page - Analog Devices AD9546 Datasheet HTML 52Page - Analog Devices AD9546 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 49 of 205
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
SYSTEM CLOCK INPUTS
XOA
XOB
AD9546
25MHz TO 80MHz
FUNDAMENTAL
AT CUT CRYSTAL
CTUNE
CTUNE
Figure 30. System Clock Input (XOA/XOB) Using the Crystal Path
(CTUNE = 2 × (CLOAD − CSTRAY), Where Typical CSTRAY = 2 pF to 5 pF); see the Crystal
Path Section for Capacitor Definitions)
XOA
649Ω
221Ω
0.1µF
XOB
AD9546
3.3V
CMOS
TCXO
0.1µF
Figure 31. System Clock Input (XOA, XOB) Using the Direct
Path with a TCXO or Oven Controlled Crystal Oscillator (OCXO) Having a
3.3 V CMOS Output
REFERENCE CLOCK INPUTS
R1
R2
REFx
OR
REFxx
INTERNAL DC THRESHOLD
FOR 1.2V OR 1.8V CMOS
AD9546
1.8V RECEIVER
CMOS
DRIVER
High-Z
INPUT
Figure 32. Single-Ended DC-Coupled Mode, 1.2 V or 1.8 V CMOS
RL
(OPTIONAL)
0.1µF
REFx
OR
REFxx
AD9546
1.8V RECEIVER
DRIVER
1.2V
47kΩ
47kΩ
0.6V
Figure 33. Single-Ended AC-Coupled Interface Mode
REFx
OR
REFxx
AD9546
DRIVER
1.2V
47kΩ
0.6V
Figure 34. Single-Ended Internal Pull-Up Resistor Mode
100Ω
REFx
REFxx
LVDS DRIVER
(1.2V COMMON MODE)
LVDS
RECEIVER
AD9546
–
+
Figure 35. Differential LVDS Input Mode
REFx
DIFFERENTIAL
DRIVER
REFxx
RL
47kΩ
47kΩ
0.6V
0.1µF
0.1µF
1.2V
0.6V
47kΩ
47kΩ
AD9546
Figure 36. Differential AC-Coupled Mode
(RL = 100 Ω Is Recommended, Except For HCSL)
REFx
DIFFERENTIAL DRIVER
(0.6V COMMON MODE)
REFxx
AD9546
RL
Figure 37. Differential DC-Coupled Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com