Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9546 Datasheet HTML 58Page - Analog Devices AD9546 Datasheet HTML 59Page - Analog Devices AD9546 Datasheet HTML 60Page - Analog Devices AD9546 Datasheet HTML 61Page - Analog Devices AD9546 Datasheet HTML 62Page - Analog Devices AD9546 Datasheet HTML 63Page - Analog Devices AD9546 Datasheet HTML 64Page - Analog Devices AD9546 Datasheet HTML 65Page - Analog Devices AD9546 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 62 of 205
ADDING TIME SKEW TO THE SYNCHRONIZATION
TIME
In a digitized clocking system with redundant common clock
references, a time skew specific to each reference path may
exist. The user can compensate the skew by programming the
appropriate time skew for each path.
The skew programs as a 24-bit signed value. Primary skew is via
Register 0x0D1B to Register 0x0D1D. Secondary skew is via
Register 0x0D2B to Register 0x0D2D.
The 24-bit programmed time skew is in units of 2−48 sec,
yielding a range of approximately ±29.8 ns. For example, to
program a time skew of −5 ns (−5 × 10−9 sec), first convert to
the appropriate units and round the result to the nearest integer
as follows:
−5 × 10−9 × 248 = −1,407,375
This resulting value in 24-bit hexadecimal format is: 0x EA 8671.
ADDING TIME OFFSET TO THE
SYNCHRONIZATION TIME
In a digitized clocking system with redundant common clock
references, a time skew common to both reference paths may
exist. The user can compensate for the common time skew by
programming the appropriate time offset value.
The time offset programs as a 32-bit signed value in
Register 0x0D30 to Register 0x0D33 in units of 2−48 sec, yielding
a range of approximately ±15.26 μs. For example, to program a
time skew of 50 ns (50 × 10−9 sec), first convert to the appropriate
units and round the result to the nearest integer as follows:
50 × 10−9 × 248 = 14,073,749
This value in 32-bit hexadecimal format is: 0x 00D6 BF95.
SYNCHRONIZATION OFFSET REFINEMENT
In a digitized clocking application, the common clock
synchronization process is typically iterative (though not a
strict requirement). That is, the user applies a continuous
synchronization source and continuously writes
synchronization time values for each expected synchronization
event. As such, each synchronization and time pair results in a
specific synchronization offset value. However, a series of
synchronization offset values is likely to introduce jitter onto
the common time scale.
As such, the CCS employs a synchronization offset refinement
block that gradually softens the impact of each new
synchronization offset value. The goal is to yield an average
synchronization offset over time. That is, the synchronization
offset value produced by the first synchronization event
(following a restart condition) propagates through the
refinement block unaltered. As synchronization events
continue to occur, the synchronization offset refinement block
applies progressively more filtering (up to a limit) to
subsequent synchronization offset values.
The user can restart the synchronization offset refinement at
any time (see the Restart section).
MAXIMUM MAGNITUDE DETECTION
The CCS provides the user with the option to prevent excessive
synchronization offset values from propagating into the
synchronization offset refinement process. The user activates
the maximum magnitude detection block by programming a
nonzero guard adjustment value in Register 0x0D39 to Register
0x0D3B. A zero value (default) disables the maximum
magnitude detection feature.
When activated, the maximum magnitude detector monitors
each new synchronization offset value and compares it to the
guard adjustment value. If a synchronization offset value
exceeds the guard adjustment value, the maximum magnitude
detector signals a guard event (see the Synchronization Guard
section), thereby preventing the offending synchronization
offset value from propagating into the synchronization offset
refinement process.
The maximum magnitude detector ignores the first
synchronization event following a restart or after the initial
synchronization block indicates initial synchronization (see the
Initial Synchronization section).
The guard adjustment value comprises a 20-bit unsigned
number in units of 2−40 sec (~0.91 ps), yielding a maximum
guard value of up to 954 ns (approximately). For example, to
set the maximum magnitude detection value to 10 ns, first
convert to the appropriate units and round the result to the
nearest integer as follows:
10 × 10−9 × 240 = 10,995
This value in 20-bit hexadecimal format is: 0x 0 2AF3.
LATENCY DETECTION
The normal synchronization process involves the occurrence of
a synchronization event followed by the application of the
synchronization time associated with the synchronization
event. When a synchronization event occurs, the common
clock synchronizer waits for the user to issue a synchronization
time value associated with the synchronization event. The
purpose of the latency detector is to allow the user to apply a
time limit on how long the CCS waits for a synchronization time
value before discarding the synchronization event. If a
synchronization time value does not arrive within the specified
period, the latency detector signals a guard event (see the
Synchronization Guard section).
The user activates latency detection by writing a nonzero value to
the 16-bit unsigned guard latency bit field in Register 0x0D37
to Register 0x0D38 in units of 2−16 sec, yielding a maximum
latency guard time of slightly less than 1 sec. A zero value
(default) disables the latency guard feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com