Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9546 Datasheet HTML 36Page - Analog Devices AD9546 Datasheet HTML 37Page - Analog Devices AD9546 Datasheet HTML 38Page - Analog Devices AD9546 Datasheet HTML 39Page - Analog Devices AD9546 Datasheet HTML 40Page - Analog Devices AD9546 Datasheet HTML 41Page - Analog Devices AD9546 Datasheet HTML 42Page - Analog Devices AD9546 Datasheet HTML 43Page - Analog Devices AD9546 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 40 of 205
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
12
OUT0AN
Output
HCSL, LVDS,
CML
PLL0 Complementary Output 0A.
14
OUT0BP
Output
HCSL, LVDS,
CML
PLL0 Output 0B.
15
OUT0BN
Output
HCSL, LVDS,
CML
PLL0 Complementary Output 0B.
16, 21, 44
DNC
DNC
No connect
Do Not Connect. Leave the DNC pins floating.
17
OUT0CP
Output
HCSL, LVDS,
CML
PLL0 Output 0C.
18
OUT0CN
Output
HCSL, LVDS,
CML
PLL0 Complementary Output 0C.
22
OUT1BP
Output
HCSL, LVDS,
CML
PLL1 Output 1B.
23
OUT1BN
Output
HCSL, LVDS,
CML
PLL1 Complementary Output 1B.
25
OUT1AP
Output
HCSL, LVDS,
CML
PLL1 Output 1A.
26
OUT1AN
Input/
Output
HCSL, LVDS,
CML
PLL1 Complementary Output 1A.
29
LF1
Input/
output
Loop filter
for APLL1
Loop Filter Node for APLL1. Connect a 3.9 nF capacitor from the LF1 pin to Pin 30
(LDO1).
30
LDO1
Input
LDO bypass
APLL1 Loop Filter Voltage Regulator. Connect a 0.22 μF capacitor from the
LDO1 pin to ground. LDO1 is the ac ground reference for the integrated APLL1
loop filter.
32, 33, 35, 36, 37
M0, M1,
M2, M3, M4
Input/
output
CMOS
Configurable Input/Output Pins. Mx are status and control pins. Changes to the
VDDIOB supply voltage affect the VIH and VOH values for these Mx pins. M3 and
M4 have internal 100 kΩ pull-down resistors. M0, M1, and M2 do not have
internal resistors.
34
VDDIOB
Input
Power
Mx Pin Power Supply. The VDDIOB power supply powers the digital section
that controls the M0 to M4 pins. Valid supply voltages are 1.8 V, 2.5 V, or 3.3 V.
The VDDIOB pin can be connected to the VDD supply bus if 1.8 V operation is
desired.
38
REFB
Input
1.8 V single-
ended or
differential
input
Reference B Input. This internally biased REFB input is typically ac-coupled.
When configured in this manner, REFB can accept any differential signal with a
single-ended swing up to the VDD power supply. If dc-coupled, the REFB input
can be LVDS or single-ended 1.8 V CMOS.
39
REFBB
Input
1.8 V single-
ended or
differential
input
Reference BB Input or Complementary Reference B Input. If REFB is in
differential mode, the REFB complementary signal is on the REFBB pin. No
connection is necessary to the REFBB pin if REFB is a single-ended input and
REFBB is not used.
42
XOA
Input
Differential
input
System Clock Input. XOA contains internal dc biasing and must be ac-coupled with
a 0.1 μF capacitor except when using a crystal. When a crystal is used, connect
the crystal across XOA and XOB. A single-ended CMOS input is also an option,
but it can produce spurious spectral content when the duty cycle is not 50%.
When using XOA as a single-ended input, connect a 0.1 μF capacitor from XOB
to ground.
43
XOB
Input
Differential
input
Complementary System Clock Input. XOB is the complementary signal to XOA.
XOB contains internal dc biasing and must be ac-coupled with a 0.1 μF capacitor
except when using a crystal. When a crystal is used, connect the crystal across
XOA and XOB.
46
REFAA
Input
1.8 V single-
ended or
differential
input
Reference AA input or Complementary REFA Input. If REFA is in differential
mode, the REFA complementary signal is on the REFAA pin. No connection is
necessary to the REFAA pin if REFA is a single-ended input and REFAA is not
used. If dc-coupled, the REFAA input is single-ended 1.8 V CMOS.
47
REFA
Input
1.8 V single-
ended or
differential
input
Reference A Input. The internally biased REFA input is typically ac-coupled.
When REFA is configured in this manner, REFA can accept any differential
signal with a single-ended swing up to the VDD power supply. If dc-coupled,
the input can be LVDS or single-ended 1.8 V CMOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com