Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 67Page - ATMEL Corporation AT90PWM2 Datasheet HTML 68Page - ATMEL Corporation AT90PWM2 Datasheet HTML 69Page - ATMEL Corporation AT90PWM2 Datasheet HTML 70Page - ATMEL Corporation AT90PWM2 Datasheet HTML 71Page - ATMEL Corporation AT90PWM2 Datasheet HTML 72Page - ATMEL Corporation AT90PWM2 Datasheet HTML 73Page - ATMEL Corporation AT90PWM2 Datasheet HTML 74Page - ATMEL Corporation AT90PWM2 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 365 page
background image
71
AT90PWM2/3
4317B–AVR–02/05
PSCOUT11: Output 1 of PSC 1.
• ADC6/INT2 – Bit 5
ADC6, Analog to Digital Converter, input channel 6.
INT2, External Interrupt source 2. This pin can serve as an External Interrupt source to
the MCU.
• APM0+ – Bit 4
AMP0+, Analog Differential Amplifier 0 Positive Input Channel.
• AMP0- – Bit 3
AMP0-, Analog Differential Amplifier 0 Negative Input Channel.
• ADC5/INT1 – Bit 2
ADC5, Analog to Digital Converter, input channel 5.
INT1, External Interrupt source 1. This pin can serve as an external interrupt source to
the MCU.
• MOSI/PSCOUT21 – Bit 1
MOSI: SPI Master Data output, Slave Data input for SPI channel. When the SPI is
enabled as a slave, this pin is configured as an input regardless of the setting of DDB1
When the SPI is enabled as a master, the data direction of this pin is controlled by
DDB1. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTB1 and PUD bits.
PSCOUT21: Output 1 of PSC 2.
•MISO/PSC20 – Bit 0
MISO: Master Data input, Slave Data output pin for SPI channel. When the SPI is
enabled as a master, this pin is configured as an input regardless of the setting of
DDB0. When the SPI is enabled as a slave, the data direction of this pin is controlled by
DDB0. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTB0 and PUD bits.
PSCOUT20: Output 0 of PSC 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com