Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 70Page - ATMEL Corporation AT90PWM2 Datasheet HTML 71Page - ATMEL Corporation AT90PWM2 Datasheet HTML 72Page - ATMEL Corporation AT90PWM2 Datasheet HTML 73Page - ATMEL Corporation AT90PWM2 Datasheet HTML 74Page - ATMEL Corporation AT90PWM2 Datasheet HTML 75Page - ATMEL Corporation AT90PWM2 Datasheet HTML 76Page - ATMEL Corporation AT90PWM2 Datasheet HTML 77Page - ATMEL Corporation AT90PWM2 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 365 page
background image
74
AT90PWM2/3
4317B–AVR–02/05
OC1B, Output Compare Match B output: This pin can serve as an external output for the
Timer/Counter1 Output Compare B. The pin has to be configured as an output (DDC1
set “one”) to serve this function. This pin is also the output pin for the PWM mode timer
function.
• PSCOUT10/INT3 – Bit 0
PSCOUT10: Output 0 of PSC 1.
INT3, External Interrupt source 3: This pin can serve as an external interrupt source to
the MCU.
Table 28 and Table 29 relate the alternate functions of Port C to the overriding signals
shown in Figure 28 on page 68.
Table 28. Overriding Signals for Alternate Functions in PC7..PC4
Signal Name
PC7
PC6
PC5
PC4
PUOE
–
–––
PUOV
–
–––
DDOE
–
–––
DDOV
–
–––
PVOE
–
–––
PVOV
–
–––
PTOE
–
–––
DIEOE
–
–––
DIEOV
–
–––
DI
–
–––
AIO
–
–––
Table 29. Overriding Signals for Alternate Functions in PC3..PC0
Signal Name
PC3
PC2
PC1
PC0
PUOE
––––
PUOV
––––
DDOE
––––
DDOV
––––
PVOE
––––
PVOV
––––
PTOE
––––
DIEOE
––––
DIEOV
––––
DI
––––
AIO
––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com