Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 71Page - ATMEL Corporation AT90PWM2 Datasheet HTML 72Page - ATMEL Corporation AT90PWM2 Datasheet HTML 73Page - ATMEL Corporation AT90PWM2 Datasheet HTML 74Page - ATMEL Corporation AT90PWM2 Datasheet HTML 75Page - ATMEL Corporation AT90PWM2 Datasheet HTML 76Page - ATMEL Corporation AT90PWM2 Datasheet HTML 77Page - ATMEL Corporation AT90PWM2 Datasheet HTML 78Page - ATMEL Corporation AT90PWM2 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 365 page
background image
75
AT90PWM2/3
4317B–AVR–02/05
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 30.
The alternate pin configuration is as follows:
• ACMP0 – Bit 7
ACMP0, Analog Comparator 0 Positive Input. Configure the port pin as input with the
internal pull-up switched off to avoid the digital port function from interfering with the
function of the Analog Comparator.
• ADC3/ACMPM/INT0 – Bit 6
ADC3, Analog to Digital Converter, input channel 3.
ACMPM, Analog Comparators Negative Input. Configure the port pin as input with the
internal pull-up switched off to avoid the digital port function from interfering with the
function of the Analog Comparator.
INT0, External Interrupt source 0. This pin can serve as an external interrupt source to
the MCU.
• ADC2/ACMP2 – Bit 5
ADC2, Analog to Digital Converter, input channel 2.
Table 30. Port D Pins Alternate Functions
Port Pin
Alternate Function
PD7
ACMP0 (Analog Comparator 0 Positive Input )
PD6
ADC3 (Analog Input Channel 3 )
ACMPM reference for analog comparators
INT0
PD5
ADC2 (Analog Input Channel 2)
ACMP2 (Analog Comparator 2 Positive Input )
PD4
ADC1 (Analog Input Channel 1)
RXD (Dali/UART Rx data)
ICP1 (Timer 1 input capture)
SCK_A (Programming & alternate SPI Clock)
PD3
TXD (Dali/UART Tx data)
OC0A (Timer 0 Output Compare A)
SS (SPI Slave Select)
MOSI_A (Programming & alternate SPI Master Out Slave In)
PD2
PSCIN2 (PSC 2 Digital Input)
OC1A (Timer 1 Output Compare A)
MISO_A (Programming & alternate Master In SPI Slave Out)
PD1
PSCIN0 (PSC 0 Digital Input )
CLKO (System Clock Output)
PD0
PSCOUT00 output
XCK (UART Transfer Clock)
SS_A (Alternate SPI Slave Select)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com