Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 53Page - ATMEL Corporation AT90PWM2 Datasheet HTML 54Page - ATMEL Corporation AT90PWM2 Datasheet HTML 55Page - ATMEL Corporation AT90PWM2 Datasheet HTML 56Page - ATMEL Corporation AT90PWM2 Datasheet HTML 57Page - ATMEL Corporation AT90PWM2 Datasheet HTML 58Page - ATMEL Corporation AT90PWM2 Datasheet HTML 59Page - ATMEL Corporation AT90PWM2 Datasheet HTML 60Page - ATMEL Corporation AT90PWM2 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 365 page
background image
57
AT90PWM2/3
4317B–AVR–02/05
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader
address at reset, see “Boot Loader Support – Read-While-Write Self-Programming”
on page 273.
2. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of
the Boot Flash Section. The address of each Interrupt Vector will then be the address
in this table added to the start address of the Boot Flash Section.
Table 21 shows reset and Interrupt Vectors placement for the various combinations of
BOOTRST and IVSEL settings. If the program never enables an interrupt source, the
Interrupt Vectors are not used, and regular program code can be placed at these loca-
tions. This is also the case if the Reset Vector is in the Application section while the
Interrupt Vectors are in the Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 114 on page 286. For the BOOTRST
Fuse “1” means unprogrammed while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector
Addresses in AT90PWM2/3 is:
Address
Labels Code
Comments
0x000
rjmp
RESET
; Reset Handler
0x001
rjmp
PSC2_CAPT
; PSC2 Capture event Handler
0x002
rjmp
PSC2_EC
; PSC2 End Cycle Handler
0x003
rjmp
PSC1_CAPT
; PSC1 Capture event Handler
0x004
rjmp
PSC1_EC
; PSC1 End Cycle Handler
0x005
rjmp
PSC0_CAPT
; PSC0 Capture event Handler
0x006
rjmp
PSC0_EC
; PSC0 End Cycle Handler
0x007
rjmp
ANA_COMP_0
; Analog Comparator 0 Handler
0x008
rjmp
ANA_COMP_1
; Analog Comparator 1 Handler
0x009
rjmp
ANA_COMP_2
; Analog Comparator 2 Handler
0x00A
rjmp
EXT_INT0
; IRQ0 Handler
0x00B
rjmp
TIM1_CAPT
; Timer1 Capture Handler
0x00C
rjmp
TIM1_COMPA
; Timer1 Compare A Handler
0x00D
rjmp
TIM1_COMPB
; Timer1 Compare B Handler
30
0x001D
31
0x001E
32
0x001F
SPM READY
Store Program Memory Ready
Table 21. Reset and Interrupt Vectors Placement in AT90PWM2/3(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x000
0x001
1
1
0x000
Boot Reset Address + 0x001
0
0
Boot Reset Address
0x001
0
1
Boot Reset Address
Boot Reset Address + 0x001
Table 20. Reset and Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com