Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 69Page - ATMEL Corporation AT90PWM2 Datasheet HTML 70Page - ATMEL Corporation AT90PWM2 Datasheet HTML 71Page - ATMEL Corporation AT90PWM2 Datasheet HTML 72Page - ATMEL Corporation AT90PWM2 Datasheet HTML 73Page - ATMEL Corporation AT90PWM2 Datasheet HTML 74Page - ATMEL Corporation AT90PWM2 Datasheet HTML 75Page - ATMEL Corporation AT90PWM2 Datasheet HTML 76Page - ATMEL Corporation AT90PWM2 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 365 page
background image
73
AT90PWM2/3
4317B–AVR–02/05
Alternate Functions of Port C
The Port C pins with alternate functions are shown in Table 27.
The alternate pin configuration is as follows:
• D2A – Bit 7
D2A, Digital to Analog output
• ADC10/ACMP1 – Bit 6
ADC10, Analog to Digital Converter, input channel 10.
ACMP1, Analog Comparator 1 Positive Input. Configure the port pin as input with the
internal pull-up switched off to avoid the digital port function from interfering with the
function of the Analog Comparator.
• ADC9/AMP1+ – Bit 5
ADC9, Analog to Digital Converter, input channel 9.
AMP1+, Analog Differential Amplifier 1 Positive Input Channel.
• ADC8/AMP1- – Bit 4
ADC8, Analog to Digital Converter, input channel 8.
AMP1-, Analog Differential Amplifier 1 Negative Input Channel.
• T1/PSCOUT23 – Bit 3
T1, Timer/Counter1 counter source.
PSCOUT23: Output 3 of PSC 2.
• T0/PSCOUT22 – Bit 2
T0, Timer/Counter0 counter source.
PSCOUT22: Output 2 of PSC 2.
• PSCIN1/OC1B, Bit 1
PCSIN1, PSC 1 Digital Input.
Table 27. Port C Pins Alternate Functions
Port Pin
Alternate Function
PC7
D2A : DAC output
PC6
ADC10 (Analog Input Channel 10)
ACMP1 (Analog Comparator 1 Positive Input )
PC5
ADC9 (Analog Input Channel 9)
AMP1+ (Analog Differential Amplifier 1 Input Channel )
PC4
ADC8 (Analog Input Channel 8)
AMP1- (Analog Differential Amplifier 1 Input Channel )
PC3
T1 (Timer 1 clock input)
PSCOUT23 output
PC2
T0 (Timer 0 clock input)
PSCOUT22 output
PC1
PSCIN1 (PSC 1 Digital Input)
OC1B (Timer 1 Output Compare B)
PC0
PSCOUT10 output (see note 4)
INT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com