Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 73Page - ATMEL Corporation AT90PWM2 Datasheet HTML 74Page - ATMEL Corporation AT90PWM2 Datasheet HTML 75Page - ATMEL Corporation AT90PWM2 Datasheet HTML 76Page - ATMEL Corporation AT90PWM2 Datasheet HTML 77Page - ATMEL Corporation AT90PWM2 Datasheet HTML 78Page - ATMEL Corporation AT90PWM2 Datasheet HTML 79Page - ATMEL Corporation AT90PWM2 Datasheet HTML 80Page - ATMEL Corporation AT90PWM2 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 365 page
background image
77
AT90PWM2/3
4317B–AVR–02/05
CLKO, Divided System Clock: The divided system clock can be output on this pin. The
divided system clock will be output if the CKOUT Fuse is programmed, regardless of the
PORTD1 and DDD1 settings. It will also be output during reset.
• PSCOUT00/XCK/SS_A – Bit 0
PSCOUT00: Output 0 of PSC 0.
XCK, USART External clock. The Data Direction Register (DDD0) controls whether the
clock is output (DDD0 set) or input (DDD0 cleared). The XCK0 pin is active only when
the USART operates in Synchronous mode.
SS_A: Slave Port Select input. When the SPI is enabled as a slave, this pin is config-
ured as an input regardless of the setting of DDD0. As a slave, the SPI is activated when
this pin is driven low. When the SPI is enabled as a master, the data direction of this pin
is controlled by DDD0. When the pin is forced to be an input, the pull-up can still be con-
trolled by the PORTD0 bit.
Table 31 and Table 32 relates the alternate functions of Port D to the overriding signals
shown in Figure 28 on page 68.
Table 31. Overriding Signals for Alternate Functions PD7..PD4
Signal Name
PD7
PD6
PD5/
PD4/
PUOE
––
–
–
PUOV
––
–
–
DDOE
––
–
–
DDOV
––
–
–
PVOE
––
–
–
PVOV
––
–
–
PTOE
––
–
–
DIEOE
––
–
–
DIEOV
––
–
–
DI
––
–
–
AIO
––
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com