Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 87Page - ATMEL Corporation AT90PWM2 Datasheet HTML 88Page - ATMEL Corporation AT90PWM2 Datasheet HTML 89Page - ATMEL Corporation AT90PWM2 Datasheet HTML 90Page - ATMEL Corporation AT90PWM2 Datasheet HTML 91Page - ATMEL Corporation AT90PWM2 Datasheet HTML 92Page - ATMEL Corporation AT90PWM2 Datasheet HTML 93Page - ATMEL Corporation AT90PWM2 Datasheet HTML 94Page - ATMEL Corporation AT90PWM2 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 365 page
background image
91
AT90PWM2/3
4317B–AVR–02/05
Be aware that the COM0x1:0 bits are not double buffered together with the compare
value. Changing the COM0x1:0 bits will take effect immediately.
Compare Match Output
Unit
The Compare Output mode (COM0x1:0) bits have two functions. The Waveform Gener-
ator uses the COM0x1:0 bits for defining the Output Compare (OC0x) state at the next
compare match. Also, the COM0x1:0 bits control the OC0x pin output source. Figure 34
shows a simplified schematic of the logic affected by the COM0x1:0 bit setting. The I/O
Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the
general I/O port control registers (DDR and PORT) that are affected by the COM0x1:0
bits are shown. When referring to the OC0x state, the reference is for the internal OC0x
Register, not the OC0x pin. If a system reset occur, the OC0x Register is reset to “0”.
Figure 34. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC0x) from the
Waveform Generator if either of the COM0x1:0 bits are set. However, the OC0x pin
direction (input or output) is still controlled by the Data Direction Register (DDR) for the
port pin. The Data Direction Register bit for the OC0x pin (DDR_OC0x) must be set as
output before the OC0x value is visible on the pin. The port override function is indepen-
dent of the Waveform Generation mode.
The design of the Output Compare pin logic allows initialization of the OC0x state before
the output is enabled. Note that some COM0x1:0 bit settings are reserved for certain
modes of operation. See “8-bit Timer/Counter Register Description” on page 97.
Compare Output Mode and
Waveform Generation
The Waveform Generator uses the COM0x1:0 bits differently in Normal, CTC, and PWM
modes. For all modes, setting the COM0x1:0 = 0 tells the Waveform Generator that no
action on the OC0x Register is to be performed on the next compare match. For com-
pare output actions in the non-PWM modes refer to Table 38 on page 97. For fast PWM
mode, refer to Table 39 on page 98, and for phase correct PWM refer to Table 40 on
page 98.
A change of the COM0x1:0 bits state will have effect at the first compare match after the
bits are written. For non-PWM modes, the action can be forced to have immediate effect
by using the FOC0x strobe bits.
PORT
DDR
DQ
DQ
OCnx
Pin
OCnx
DQ
Waveform
Generator
COMnx1
COMnx0
0
1
FOCn
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com