Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 72Page - ATMEL Corporation AT90PWM2 Datasheet HTML 73Page - ATMEL Corporation AT90PWM2 Datasheet HTML 74Page - ATMEL Corporation AT90PWM2 Datasheet HTML 75Page - ATMEL Corporation AT90PWM2 Datasheet HTML 76Page - ATMEL Corporation AT90PWM2 Datasheet HTML 77Page - ATMEL Corporation AT90PWM2 Datasheet HTML 78Page - ATMEL Corporation AT90PWM2 Datasheet HTML 79Page - ATMEL Corporation AT90PWM2 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 365 page
background image
76
AT90PWM2/3
4317B–AVR–02/05
ACMP2, Analog Comparator 1 Positive Input. Configure the port pin as input with the
internal pull-up switched off to avoid the digital port function from interfering with the
function of the Analog Comparator.
• ADC1/RXD/ICP1/SCK_A – Bit 4
ADC1, Analog to Digital Converter, input channel 1.
RXD, USART Receive Pin. Receive Data (Data input pin for the USART). When the
USART receiver is enabled this pin is configured as an input regardless of the value of
DDRD4. When the USART forces this pin to be an input, a logical one in PORTD4 will
turn on the internal pull-up.
ICP1 – Input Capture Pin1: This pin can act as an input capture pin for Timer/Counter1.
SCK_A: Master Clock output, Slave Clock input pin for SPI channel. When the SPI is
enabled as a slave, this pin is configured as an input regardless of the setting of DDD4.
When the SPI is enabled as a master, the data direction of this pin is controlled by
DDD4. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTD4 bit.
• TXD/OC0A/SS/MOSI_A, Bit 3
TXD, UART Transmit pin. Data output pin for the USART. When the USART Transmitter
is enabled, this pin is configured as an output regardless of the value of DDD3.
OC0A, Output Compare Match A output: This pin can serve as an external output for the
Timer/Counter0 Output Compare A. The pin has to be configured as an output (DDD3
set “one”) to serve this function. The OC0A pin is also the output pin for the PWM mode
SS: Slave Port Select input. When the SPI is enabled as a slave, this pin is configured
as an input regardless of the setting of DDD3. As a slave, the SPI is activated when this
pin is driven low. When the SPI is enabled as a master, the data direction of this pin is
controlled by DDD3. When the pin is forced to be an input, the pull-up can still be con-
trolled by the PORTD3 bit.
MOSI_A: SPI Master Data output, Slave Data input for SPI channel. When the SPI is
enabled as a slave, this pin is configured as an input regardless of the setting of DDD3
When the SPI is enabled as a master, the data direction of this pin is controlled by
DDD3. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTD3 bit.
• PSCIN2/OC1A/MISO_A, Bit 2
PCSIN2, PSC 2 Digital Input.
OC1A, Output Compare Match A output: This pin can serve as an external output for the
Timer/Counter1 Output Compare A. The pin has to be configured as an output (DDD2
set “one”) to serve this function. The OC1A pin is also the output pin for the PWM mode
timer function.
MISO_A: Master Data input, Slave Data output pin for SPI channel. When the SPI is
enabled as a master, this pin is configured as an input regardless of the setting of
DDD2. When the SPI is enabled as a slave, the data direction of this pin is controlled by
DDD2. When the pin is forced to be an input, the pull-up can still be controlled by the
PORTD2 bit.
• PSCIN0/CLKO – Bit 1
PCSIN0, PSC 0 Digital Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com