Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 98Page - ATMEL Corporation AT90PWM2 Datasheet HTML 99Page - ATMEL Corporation AT90PWM2 Datasheet HTML 100Page - ATMEL Corporation AT90PWM2 Datasheet HTML 101Page - ATMEL Corporation AT90PWM2 Datasheet HTML 102Page - ATMEL Corporation AT90PWM2 Datasheet HTML 103Page - ATMEL Corporation AT90PWM2 Datasheet HTML 104Page - ATMEL Corporation AT90PWM2 Datasheet HTML 105Page - ATMEL Corporation AT90PWM2 Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 365 page
background image
102
AT90PWM2/3
4317B–AVR–02/05
Timer/Counter Interrupt Mask
Register – TIMSK0
• Bits 7..3 – Res: Reserved Bits
These bits are reserved bits in the AT90PWM2/3 and will always read as zero.
• Bit 2 – OCIE0B: Timer/Counter Output Compare Match B Interrupt Enable
When the OCIE0B bit is written to one, and the I-bit in the Status Register is set, the
Timer/Counter Compare Match B interrupt is enabled. The corresponding interrupt is
executed if a Compare Match in Timer/Counter occurs, i.e., when the OCF0B bit is set in
the Timer/Counter Interrupt Flag Register – TIFR0.
• Bit 1 – OCIE0A: Timer/Counter0 Output Compare Match A Interrupt Enable
When the OCIE0A bit is written to one, and the I-bit in the Status Register is set, the
Timer/Counter0 Compare Match A interrupt is enabled. The corresponding interrupt is
executed if a Compare Match in Timer/Counter0 occurs, i.e., when the OCF0A bit is set
in the Timer/Counter 0 Interrupt Flag Register – TIFR0.
• Bit 0 – TOIE0: Timer/Counter0 Overflow Interrupt Enable
When the TOIE0 bit is written to one, and the I-bit in the Status Register is set, the
Timer/Counter0 Overflow interrupt is enabled. The corresponding interrupt is executed if
an overflow in Timer/Counter0 occurs, i.e., when the TOV0 bit is set in the
Timer/Counter 0 Interrupt Flag Register – TIFR0.
Timer/Counter 0 Interrupt Flag
Register – TIFR0
• Bits 7..3 – Res: Reserved Bits
These bits are reserved bits in the AT90PWM2/3 and will always read as zero.
• Bit 2 – OCF0B: Timer/Counter 0 Output Compare B Match Flag
The OCF0B bit is set when a Compare Match occurs between the Timer/Counter and
the data in OCR0B – Output Compare Register0 B. OCF0B is cleared by hardware
when executing the corresponding interrupt handling vector. Alternatively, OCF0B is
cleared by writing a logic one to the flag. When the I-bit in SREG, OCIE0B
(Timer/Counter Compare B Match Interrupt Enable), and OCF0B are set, the
Timer/Counter Compare Match Interrupt is executed.
• Bit 1 – OCF0A: Timer/Counter 0 Output Compare A Match Flag
The OCF0A bit is set when a Compare Match occurs between the Timer/Counter0 and
the data in OCR0A – Output Compare Register0. OCF0A is cleared by hardware when
executing the corresponding interrupt handling vector. Alternatively, OCF0A is cleared
by writing a logic one to the flag. When the I-bit in SREG, OCIE0A (Timer/Counter0
Compare Match Interrupt Enable), and OCF0A are set, the Timer/Counter0 Compare
Match Interrupt is executed.
• Bit 0 – TOV0: Timer/Counter0 Overflow Flag
The bit TOV0 is set when an overflow occurs in Timer/Counter0. TOV0 is cleared by
hardware when executing the corresponding interrupt handling vector. Alternatively,
TOV0 is cleared by writing a logic one to the flag. When the SREG I-bit, TOIE0
Bit
765
4
3
2
1
0
–
–
–
–
–
OCIE0B
OCIE0A
TOIE0
TIMSK0
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
–––
––
OCF0B
OCF0A
TOV0
TIFR0
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com