Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX25232ATCH
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX25232ATCH Datasheet HTML 3Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 4Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 5Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 6Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 7Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 9Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Typical Operating Characteristics
(VSUP = VEN = +14V, TA = +25°C, unless otherwise noted.)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
5V
EFFICIENCY vs. LOAD
(fSW= 2.1MHz)
toc01
3.3V
3.3V
5V
FPWM
SKIP
VIN= 14V
L = 2.2 µH
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
5V
EFFICIENCY vs. LOAD
(fSW= 400kHz)
toc02
3.3V
3.3V
5V
FPWM
SKIP
VIN= 14V
L = 10µH
0
5
10
15
20
25
6
16
26
36
VIN(V)
QUIESCENT SUPPLY CURRENT
vs. INPUT VOLTAGE
(SKIP MODE)
toc03
NO LOAD
5VOUT, 400kHz
3.3VOUT, 400kHz
5VOUT, 2.1MHz
3.3VOUT, 2.1MHz
0.1
1
10
6
16
26
36
VIN(V)
SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE
(5VOUT, 2.1MHz)
toc04
VEN= 0V
0
50
100
150
200
250
300
350
400
450
500
0.0
0.2
0.4
0.6
0.8
1.0
ILOAD(mA)
STANDBY CURRENT
vs. LOAD CURRENT
toc05
5V, 400kHz
5V, 2.1MHz
3.3V, 2.1MHz
3.3V, 400kHz
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
6
16
26
36
VIN (V)
LINE REGULATION
(5VOUT, 2.1MHz)
1A LOAD
toc06
SKIP
FPWM
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
6
16
26
36
VIN (V)
LINE REGULATION
(5VOUT, 400kHz)
1A LOAD
toc07
SKIP
FPWM
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
IOUT(A)
LOAD REGULATION
(5VOUT, 2.1MHz)
VIN= 14V
toc08
SKIP
FPWM
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
IOUT(A)
LOAD REGULATION
(5VOUT, 400kHz)
VIN= 14V
toc09
SKIP
FPWM
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com