Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX25232ATCH
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX25232ATCH Datasheet HTML 6Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 7Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 9Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 12Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 13Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MAX25232ATCF, MAX25232ATCG
TDFN-EP
(3mm x 3mm)
MAX25232ATCF
MAX25232ATCG
Pin Description
PIN
NAME
FUNCTION
MAX25232A
TCA,
MAX25232A
TCB,
MAX25232A
TCD,
MAX25232A
TCE,
MAX25232A
TCH
MAX25232A
TCF,
MAX25232A
TCG
SPS
SPS
1
Spread-Spectrum Enable. Connect logic-high to enable spread spectrum of
internal oscillator, or logic-low to disable spread spectrum. This pin has a 1MΩ
internal pulldown.
EN
EN
2
High-Voltage-Compatible Enable Input. If this pin is low, the part is off.
BST
BST
3
Bootstrap Pin for HS Driver. It is recommended to use 0.1μF from BST to LX.
SUP
SUP
4
Supply Input. Connect a 4.7μF ceramic capacitor from SUP to PGND.
LX
LX
5
Buck Switching Node. Connect inductor between LX and OUT. See the Inductor
Selection section. If the part is off, this node is high impedance.
PGND
PGND
6
Power Ground. Ground return path for all high-current/high-frequency noisy
signals.
AGND
AGND
7
Analog Ground. Ground return path for all ‘quiet’ signals.
NC
FB
8
Leave this pin unconnected for fixed output voltage options. For MAX25232ATCF
and MAX25232ATCG, use it as a FB pin to set the output voltage.
OUT
OUT
9
Buck Regulator Output-Voltage-Sense Input. Bypass OUT to PGND with ceramic
capacitors.
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com