Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX25232ATCH
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX25232ATCH Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 12Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 13Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 14Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 15Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 16Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 17Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 18Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
ESR =
∆ VESR
IOUT + ( ∆ IP−P
/2)
CIN =
IOUT × D(1 − D)
∆ VQ × × fSW
where:
∆ IP − P =
(VIN − VOUT) × VOUT
VIN × fSW × L
and:
D =
VOUT
VIN
where IOUT is the output current, D is the duty cycle, and fSW is the switching frequency. Use additional input capacitance
at lower input voltages to avoid possible undershoot below the UVLO threshold during transient loading.
Inductor Selection
See Table 1 for inductor selection. The nominal standard value selected should be within ±50% of the specified
inductance. The specified values applies to all output voltage settings.
Table 1. Inductor Selection
PART
INDUCTANCE (µH)
For fSW = 2.1MHz
2.2
For fSW = 400kHz
10
Output Capacitor
For optimal phase margin (> 60 degrees, typ), the recommended output capacitances are shown in Table 2.
Recommended values are the actual capacitances after voltage derating is taken into account.
If a lower output capacitance is required, contact the factory for recommendations. Additional output capacitance may
be needed based on application-specific output-voltage-ripple requirements. The specified values applies to all output
voltage settings.
Table 2. Output-Capacitance Selection
PART
OUTPUT CAPACITANCE (µF)
For fSW = 2.1MHz
30
For fSW = 400kHz
44
The allowable output-voltage ripple and the maximum deviation of the output voltage during step-load currents determine
the output capacitance and its ESR. The output ripple comprises ΔVQ (caused by the capacitor discharge) and ΔVESR
(caused by the ESR of the output capacitor). Use low-ESR ceramic or aluminum electrolytic capacitors at the output.
For aluminum electrolytic capacitors, the entire output ripple is contributed by ΔVESR. Use Equation 2 to calculate the
ESR requirement and choose the capacitor accordingly. If using ceramic capacitors, assume the contribution to the
output ripple voltage from the ESR and the capacitor discharge to be equal. The following equations show the output
capacitance and ESR requirement for a specified output-voltage ripple.
Equation 2:
ESR =
∆ VESR
∆ IP−P
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com