Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX25232ATCH
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX25232ATCH Datasheet HTML 13Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 14Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 15Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 16Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 17Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 18Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 19Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 20Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Typical Application Circuits (continued)
Circuit 3
MAX25232
BST
LX
OUT
BIAS
SUP
SYNC
EN
PGOOD
SPS
PGND
AGND
NH
NL
COUT
44µF
CBST
0.1µF
L
10µH
CBIAS
1µF
CIN
4.7µF
FB
RFB1
RFB2
Figure 5. 400kHz, External Resistor-Divider Configuration in 12-Pin TDFN Package
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
DESCRIPTION
IOUT
(A)
MAX25232ATCA/V+
-40°C to +125°C
12 TDFN
2.1MHz, Fixed 5V output
2.5
MAX25232ATCB/V+
-40°C to +125°C
12 TDFN
2.1MHz, Fixed 3.3V output
2.5
MAX25232ATCD/V+*
-40°C to +125°C
12 TDFN
400kHz, Fixed 5V output
3
MAX25232ATCE/V+*
-40°C to +125°C
12 TDFN
400kHz, Fixed 3.3V output
3
MAX25232ATCF/V+
-40°C to +125°C
12 TDFN
400kHz, Adjustable Output Voltage Between 3V
and 10V
3
MAX25232ATCG/V+
-40°C to +125°C
12 TDFN
2.1MHz, Adjustable Output Voltage Between 3V
and 10V
2.5
MAX25232ATCH/V+*
-40°C to +125°C
12 TDFN
2.1MHz, Fixed 4V output
2.5
Note: All parts are OTP versions, no metal mask differences.
/V Denotes an automotive-qualified part.
+ Denotes a lead(Pb)-free/RoHS-compliant package
* Future product - contact factory for availability
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com