Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX25232ATCH
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX25232ATCH Datasheet HTML 7Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 9Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 12Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 13Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 14Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
MAX25232A
TCA,
MAX25232A
TCB,
MAX25232A
TCD,
MAX25232A
TCE,
MAX25232A
TCH
MAX25232A
TCF,
MAX25232A
TCG
BIAS
BIAS
10
5V Internal Bias Supply. Connect a 1μF (min) ceramic capacitor to AGND.
SYNC
SYNC
11
Sync Input. If connected to ground or open, skip-mode operation is enabled under
light loads; if connected to BIAS, forced-PWM mode is enabled. This pin has a
1MΩ internal pulldown.
PGOOD
PGOOD
12
Open-Drain Reset Output. External pullup required.
-
—
EP
Exposed Pad. EP must be connected to ground plane on PCB, but is not a
current-carrying path and is only needed for thermal transfer.
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com