Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX25232ATCH
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX25232ATCH Datasheet HTML 4Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 5Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 6Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 7Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 9Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Typical Operating Characteristics (continued)
(VSUP = VEN = +14V, TA = +25°C, unless otherwise noted.)
5V/div
toc10
1ms/div
VPGOOD
STARTUP WAVEFORM
(5VOUT, 2.1MHz)
VEN
VOUT
5V/div
5V/div
5V/div
2A/div
toc11
100µs/div
IINDUCTOR
VPGOOD
SHUTDOWN WAVEFORM
(5VOUT, 2.1MHz, 2.5A LOAD)
VEN
VOUT
5V/div
5V/div
5V/div
200mA/div
toc12
200ns/div
IINDUCTOR
STEADY
-STATE SWITCHING WAVEFORM
(5VOUT, 2.1MHz, NO LOAD
VLX
VOUT
7V/div
5V/div
2V/div
5V/div
toc13
5s/div
VIN
VOUT
SLOW V
IN RAMP
(5VOUT, 2.1MHz)
VPGOOD
10mA Load
5V/div
1A/div
toc14
5µs/div
IINDUCTOR
VPGOOD
SHORT
-CIRCUIT RESPONSE
(5VOUT, 2.1MHz)
VOUT
VBIAS
5V/div
5V/div
5V/div
5V/div
toc15
10ms/div
VBIAS
UNDERVOLTAGE PULSE
(5VOUT, 2.1MHz)
VIN
VPGOOD
5V/div
VOUT
5V/div
10V/div
5V/div
5V/div
toc16
100ms/div
VIN
VOUT
LOAD-DUMP TEST
(5VOUT, 2.1MHz)
VBIAS
1A/div
100mV/div
(AC-
COUPLED)
toc17
20µs/div
ILOAD
VOUT
LOAD-TRANSIENT RESPONSE
(5VOUT, 2.1MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.85
1.95
2.05
2.15
2.25
2.35
FREQUENCY (MHz)
SPECTRAL
-ENERGY DENSITY
vs. FREQUENCY
(5VOUT, 2.1MHz)
toc19
VSPS= 5V
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com