Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX25232ATCH
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX25232ATCH Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 9Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 12Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 13Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 14Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 15Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Detailed Description
The MAX25232 family of small, current-mode-controlled buck converters features synchronous rectification and requires
no external compensation network. The devices are designed for 3A output current and can stay in dropout by running
at 99% duty cycle. Each device provides an accurate output voltage of ±2% in FPWM mode within the 6V to 18V
input range. Voltage quality can be monitored by observing the PGOOD signal. The devices operate at 2.1MHz (typ)
frequency, which allows for small external components, reduced output ripple, and guarantees no AM band interference.
The devices are also available at 400kHz (typ) for minimum switching losses and maximum efficiency.
Each device features an ultra-low 3.5μA (typ) quiescent supply current in standby mode. The device enters standby
mode automatically at light loads if the high-side FET (HSFET) does not turn on for eight consecutive clock cycles.
The devices operate from a 3.5V to 36V supply voltage and can tolerate transients up to 40V, making them ideal for
automotive applications. The devices are available in factory-trimmed output voltages (5V, 3.3V). MAX25232ATCF and
MAX25232ATCG configuration can be used to program output voltage between 3V and 10V using an external resistor-
divider. For fixed-output voltages outside of 3.3V and 5V, contact factory for availability.
Enable Input (EN)
Each device is activated by driving EN high. EN is compatible from a 3.3V logic level to automotive battery levels. EN
can be controlled by microcontrollers and automotive KEY or CAN inhibit signals. The EN input has no internal pullup/
pulldown current to minimize the overall quiescent supply current. To realize a programmable undervoltage-lockout level,
use a resistor-divider from SUP to EN to AGND.
Bias/UVLO
Each device features undervoltage lockout. When the device is enabled, an internal bias generator turns on. LX begins
switching after VBIAS has exceeded the internal undervoltage-lockout level, VUVLO = 2.73V (typ).
Soft-Start
Each device features an internal soft-start timer. The output voltage soft-start time is 3.5ms (typ), which includes the delay
in PGOOD. If a short circuit or undervoltage is encountered after the soft-start timer has expired, the device is disabled
for 7ms (typ) and then reattempts soft-start again. This pattern repeats until the short circuit has been removed.
Oscillator/Synchronization and Efficiency (SYNC)
Each device has an on-chip oscillator that provides a 2.1MHz (typ) or 400kHz (typ) switching frequency. There are two
operation modes, depending on the condition of SYNC. If SYNC is unconnected or at AGND, the device operates in
highly efficient pulse-skipping mode. If SYNC is connected to BIAS or has a clock applied to it, the device is in forced-
PWM mode (FPWM). The device can be switched during operation between FPWM mode and skip mode by switching
SYNC.
Skip-Mode Operation
The devices enter skip mode when the SYNC pin is connected to ground or is unconnected and the peak load current
is < 600mA (typ). In this mode, the HSFET is turned on until the inductor current ramps up to 600mA (typ) peak value
and the internal feedback voltage is above the regulation voltage (1.0V, typ). At this point, both the HSFETs and low-side
FETs (LSFETs) are turned off. Depending on the choice of the output capacitor and the load current, the HSFET turns
on when OUT (valley) drops below the 1.0V (typ) feedback voltage. When the device is in skip mode, the internal high-
voltage LDO is turned off to save current. VBIAS is supplied by the output after the soft start is completed.
Achieving High Efficiency at Light Loads
Each device operates with very low-quiescent current at light loads to enhance efficiency and conserve battery life. When
the device enters skip mode, the output current is monitored to adjust the quiescent current. The lowest quiescent-current
standby mode is only available for factory-trimmed devices between 3.0V and 5.5V output voltages. When the output
current is < approximately 5mA, the device operates in the lowest quiescent-current mode, also called standby mode. In
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com