Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX25232ATCH
Description  36V, 3A Mini Buck Converters with 3.5μA IQ
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX25232ATCH Datasheet HTML 1Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 2Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 3Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 4Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 5Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 6Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 7Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Electrical Characteristics (continued)
(VSUP = VEN, VSUP = 14V, VSYNC = 0V, VOUT = 5V, TJ = -40°C to +150°C, unless otherwise noted. (Notes 2 and 5))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle
98
99
%
PWM Switching
Frequency
fSW
MAX25232ATCA, MAX25232ATCB,
MAX25232ATCG, MAX25232ATCH
1.925
2.1
2.275
MHz
MAX25232ATCD, MAX25232ATCE,
MAX25232ATCF
360
400
440
kHz
Spread-Spectrum
Range
SS
VSPS = 5V
±3
%
PGOOD
PGOOD Threshold,
Rising
VTHR,PGD
VOUT rising
91
93
95
%
PGOOD Threshold,
Falling
VTHF,PGD
VOUT falling
90
92
94
%
PGOOD Debounce
Time
tDEB
MAX25232ATCA,
MAX25232ATCB,
MAX25232ATCG,
MAX25232ATCH
PWM mode
60
µs
Skip mode
90
MAX25232ATCD,
MAX25232ATCE,
MAX25232ATCF
PWM mode
80
Skip mode
110
PGOOD High-Leakage
Current
ILEAK,PGD
TA = +25°C
1
µA
PGOOD Low Level
VOUT,PGD
Sinking 1mA
0.4
V
LOGIC LEVELS
EN Level, High
VIH,EN
2.4
V
EN Level, Low
VIL,EN
0.6
V
EN Input Current
IIN,EN
VEN = VSUP = 14V, TA = +25°C
1
µA
External Input Clock
Frequency
FSYNC
MAX25232ATCA, MAX25232ATCB,
MAX25232ATCG, MAX25232ATCH
1.7
2.6
MHz
MAX25232ATCD, MAX25232ATCE,
MAX25232ATCF
325
500
kHz
SYNC Threshold, High
VIH,SYNC
1.4
V
SYNC Threshold, Low
VIL,SYNC
0.4
V
SYNC Internal Pulldown
RPD,MODE
1000
kΩ
SPS Threshold, High
VIH,SPS
1.4
V
SPS Threshold, Low
VIL,SPS
0.4
V
SPS Internal Pulldown
1000
kΩ
THERMAL PROTECTION
Thermal Shutdown
TSHDN
(Note 3)
175
°C
Thermal-Shutdown
Hysteresis
TSHDN.HYS
(Note 3)
15
°C
Note 2: Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage are guaranteed
by design and characterization. Typical values are at TA = +25°C.
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com